Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111
Description  SCANSTA111 Enhanced SCAN Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCANSTA111 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SCANSTA111 Datasheet HTML 12Page - Texas Instruments SCANSTA111 Datasheet HTML 13Page - Texas Instruments SCANSTA111 Datasheet HTML 14Page - Texas Instruments SCANSTA111 Datasheet HTML 15Page - Texas Instruments SCANSTA111 Datasheet HTML 16Page - Texas Instruments SCANSTA111 Datasheet HTML 17Page - Texas Instruments SCANSTA111 Datasheet HTML 18Page - Texas Instruments SCANSTA111 Datasheet HTML 19Page - Texas Instruments SCANSTA111 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
SCANSTA111
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
www.ti.com
REGISTER DESCRIPTIONS
INSTRUCTION REGISTER
The instruction shift register is an 8-bit register that is in series with the scan chain whenever the TAP Controller
of the SCANSTA111 is in the Shift-IR state. Upon exiting the Capture-IR state, the value XXXXXX01 is captured
into the instruction register, where XXXXXX represents the value on the S(0-6) inputs. When the 'STA111
controller is in the Wait-For-Address state, the instruction register is used for 'STA111 selection via address
matching. In addressing individual 'STA111s, the chip's addressing logic performs a comparison between a
statically-configured (hard-wired) value on that 'STA111's slot inputs, and an address which is scanned into the
chip's instruction register. Binary address codes 000000 through 111010 (00 through 3A Hex) are reserved for
addressing individual 'STA111s. Address 3B Hex is for Broadcast mode.
During multi-cast (group) addressing, a scanned-in address is compared against the (previously scanned-in)
contents of a 'STA111's Multi-Cast Group register. Binary address codes 111110 through 111111 (3A through 3F
Hex) are reserved for multi-cast addressing, and should not be assigned as 'STA111 slot-input values.
BOUNDARY-SCAN REGISTER
The boundary-scan register is a sample only shift register containing cells from the S(0-6) and OE inputs. The
register allows testing of circuitry external to the 'STA111. It permits the signals flowing between the system pins
to be sampled and examined without interfering with the operation of the on-chip system logic.
The scan chain is arranged as follows:
TDIB→ OE→ S6→ S5→ S4→ S3→ S2→ S1→ S0→ TDOB
BYPASS REGISTER
The bypass register is a 1-bit register that operates as specified in IEEE Std. 1149.1 once the 'STA111 has been
selected. The register provides a minimum length serial path for the movement of test data between TDIB and
the LSPN. This path can be selected when no other test data register needs to be accessed during a board-level
test operation. Use of the bypass register shortens the serial access-path to test data registers located in other
components on a board-level test data path.
MULTI-CAST GROUP REGISTER
Multi-cast is a method of simultaneously communicating with more than one selected 'STA111. The multi-cast
group register (MCGR) is a 2-bit register used to determine which multi-cast group a particular 'STA111 is
assigned to. Four addresses are reserved for multi-cast addressing. When a 'STA111 is in the Wait-For-Address
state and receives a multi-cast address, and if that 'STA111's MCGR contains a matching value for that multi-
cast address, the 'STA111 becomes selected and is ready to receive Level 2 Protocol (i.e., further instructions).
The MCGR is initialized to 00 upon entering the Test-Logic-Reset state.
Table 5. Multi-Cast Group Register Addressing
MCGR Bits 1,0
Hex Address
Binary Address
00
3C
00111100
01
3D
00111101
10
3E
00111110
11
3F
00111111
The following actions are used to perform multi-cast addressing:
1. Assign all target 'STA111s to a multi-cast group by writing each individual target 'STA111's MCGR with the
same multi-cast group code (see Table 5). This configuration step must be done by individually addressing
each target 'STA111, using that chip's assigned slot value.
2. Scan out the multi-cast group address through the TDIB input of all 'STA111s. Note that this occurs in
parallel, resulting in the selection of only those 'STA111s whose MCGR was previously programmed with the
matching multi-cast group code.
16
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com