Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111
Description  SCANSTA111 Enhanced SCAN Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCANSTA111 Datasheet(HTML) 2 Page - Texas Instruments

  SCANSTA111 Datasheet HTML 1Page - Texas Instruments SCANSTA111 Datasheet HTML 2Page - Texas Instruments SCANSTA111 Datasheet HTML 3Page - Texas Instruments SCANSTA111 Datasheet HTML 4Page - Texas Instruments SCANSTA111 Datasheet HTML 5Page - Texas Instruments SCANSTA111 Datasheet HTML 6Page - Texas Instruments SCANSTA111 Datasheet HTML 7Page - Texas Instruments SCANSTA111 Datasheet HTML 8Page - Texas Instruments SCANSTA111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
SCANSTA111
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAM
Table 1. Glossary
LFSR
Linear Feedback Shift Register. When enabled, will generate a 16-bit signature of sampled serial test data.
LSP
Local Scan Port. A four signal port that drives a local (i.e. non-backplane) scan chain. (e.g., TCK0, TMS0, TDO0,
TDI0).
Local
Local is used to describe IEEE Std. 1149.1 compliant scan rings and the SCANSTA111 Test Access Port that
drives them. The term local was adopted from the system test architecture that the 'STA111 will most commonly
be used in; namely, a system test backplane with a 'STA111 on each card driving up to 3 local scan rings per
card. (Each card can contain multiple 'STA111s, with 3 local scan ports per 'STA111.)
Park/Unpark/Unparked
Parked, unpark, and unparked, are used to describe the state of the LSP controller and the state of the local TAP
controllers (the local TAP controllers refers to the TAP controllers of the scan components that make up a local
scan ring). Park is also used to describe the action of parking a LSP (transitioning into one of the Parked LSP
controller states). It is important to understand that when a LSP controller is in one of the parked states, TMSn is
held constant, thereby holding or parking the local TAP controllers in a given state.
TAP
Test Access Port as defined by IEEE Std. 1149.1.
Selected/Unselected
Selected and Unselected refers to the state of the 'STA111 Selection Controller. A selected 'STA111 has been
properly addressed and is ready to receive Level 2 protocol. Unselected 'STA111s monitor the system test
backplane, but do not accept Level 2 protocol (except for the GOTOWAIT instruction). The data registers and
LSPs of unselected 'STA111s are not accessible from the system test master.
Active Scan Chain
The Active Scan Chain refers to the scan chain configuration as seen by the test master at a given moment.
When a 'STA111 is selected with all of its LSPs parked, the active scan chain is the current scan register only.
When a LSP is unparked, the active scan chain becomes: TDIB → the current 'STA111 register → the local scan
ring registers
→ a PAD bit → TDOB. Refer to Table 6 for Unparked configurations of the LSP network.
Level 1 Protocol
Level 1 is the protocol used to address a 'STA111.
Level 2 Protocol
Level 2 is the protocol that is used once a 'STA111 is selected. Level 2 protocol is IEEE Std. 1149.1 compliant
when an individual 'STA111 is selected.
PAD
A one bit register that is placed at the end of each local scan port scan-chain. The PAD bit eliminates the prop
delay that would be added by the 'STA111 LSPN logic between TDIn and TDO(n+1) or TDOB by buffering and
synchronizing the LSP TDI inputs to the falling edge of TCKB, thus allowing data to be scanned at higher
frequencies without violating setup and hold times.
LSB
Least Significant Bit, the right-most position in a register (bit 0).
MSB
Most Significant Bit, the left-most position in a register.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com