Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111
Description  SCANSTA111 Enhanced SCAN Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCANSTA111 Datasheet(HTML) 24 Page - Texas Instruments

Back Button SCANSTA111 Datasheet HTML 20Page - Texas Instruments SCANSTA111 Datasheet HTML 21Page - Texas Instruments SCANSTA111 Datasheet HTML 22Page - Texas Instruments SCANSTA111 Datasheet HTML 23Page - Texas Instruments SCANSTA111 Datasheet HTML 24Page - Texas Instruments SCANSTA111 Datasheet HTML 25Page - Texas Instruments SCANSTA111 Datasheet HTML 26Page - Texas Instruments SCANSTA111 Datasheet HTML 27Page - Texas Instruments SCANSTA111 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
SCANSTA111
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
www.ti.com
LSP SHARED: In the shared mode of operation, the dot1 LSP pins TDIn, TDOn and TMSn pins become GPIO
pins. TMSn and TDOn are outputs, TDIn is an input in the GPIO mode.
The sequence of operations to use shared GPIOs on an LSP are as follows (example uses LSP0):
1. IR-Scan the 'STA111 address into the instruction register (address a 'STA111).
2. IR-Scan the MODESEL3 instruction into the instruction register to select Mode Register3 (Shared GPIO
configuration register) as the data register.
3. DR-Scan 00000001 into Mode Register3 to enable GPIOs on LSP0. The GPIOs will be enabled when the
TAP enters the RTI state at the end of this shift operation (TDO0 and TMS0 will be forced to logic 0 as
defined by the default value in the Shared GPIO Register0).
4. IR-Scan the SGPIO0 instruction into the instruction register to select the Shared GPIO Register0 as the data
register.
5. DR-Scan 00000011 into the Shared GPIO Register0 to set TDO0 and TMS0 to a logic 1 (when TAP enters
Update-DR). During this operation, when the TAP enters Capture-DR, the present value on the TDI0 pin and
the values of TDO0 and TMS0 (as set by Shared GPIO Register0) will be captured into bits 2, 1 and 0 of the
shift register and will be scanned out 00000X00 (X = value present on TDI0 when TAP enters Capture-DR).
6. Step 5 can be repeated to generate waveforms on TDO0 and TMS0. If step 5 was repeated with 00000000
as data, TDO0 and TMS0 would be set to a logic 0 (when TAP state = Update-DR) and 00000X11 would be
scanned out (X = value present on TDI0 when TAP enters Capture-DR).
7. IR-Scan the GOTOWAIT or SOFTRESET instruction, or generate a TRSTB reset to disable the GPIOs.
ADDRESS INTERROGATION
The 'STA111 has four states that it can go to from the Wait-For-Address state: Unselected, Singularly-selected,
Multi/Broadcast-selected, and Address-interrogation (see Figure 13).
After a reset (or GOTOWAIT command) has been issued, the 'STA111 TAP is sequenced to the Capture-IR
state where XXXXXX01 is loaded into the shift register. Upon entering the Shift-IR state, the instruction register
is filled with the address interrogation value (3A hex) which is loaded into the address register as the TAP is
sequenced into the Update-IR state. On the next loop through Capture-IR the shift register is loaded with the
ones-complement of the slot address. In the Shift-IR state the address interrogation value is loaded into the
instruction register. The value presented on TDOB will be a wired-and address of all of the 'STA111s on the bus.
As this value is being shifted out, each 'STA111 will monitor its TDOB to see if it is receiving the same value it is
driving. If the device shifts all bits of its ones-complement address and never gets a compare error it will tri-state
TDOB and go to the Wait-For-Reset state. Alternately, if the device sees a compare error while it is shifting its
ones-complement address it will stop shifting its address and tri-state TDOB until the next shift operation; during
the next Shift-IR operation it will again try to present its address (if the previous instruction was 3A hex) while
monitoring TDOB.
Shifting 3A hex into the instruction registers of the 'STA111s will continue until all 'STA111s have presented their
address. At this time all devices will be waiting to be reset, and if a 3A is shifted into the 'STA111 instruction
registers the address read by the tester will be all weak 1s due to all TDOB's being tri-stated. Reading all ones
will signal the tester that address interrogation is complete. Since all ones signifies the end of Address-
Interrogation, no device can have an address of all zeros (ones-complement).
If at any time, during the address interrogation mode, any other instruction besides 3A hex is shifted into the
instruction register, then the 'STA111 will exit the interrogation mode. Also, the 'STA111's state machine will go
to the Wait-For-Address state.
This address interrogation scheme presumes that TDOB is capable of driving a weak 1 and that an 'STA111
driving a 0 will overdrive an 'STA111 driving a weak 1.
The following is an example of the Address-Interrogation function. Assume there are three 'STA111s (U1, U2 and
U3) on a dot1 backplane with slot addresses 010100, 100000 and 000001 respectively (assuming 6 address
pins).
1. The 'STA111s are reset and the interrogation address/op-code (3A hex) is shifted into the instruction
registers.
2. At the end of the instruction shift (Update-IR) the 'STA111 address registers are loaded with 3A hex.
3. The TAPs are sequenced to Capture-IR and the shift registers latch the ones-complement slot addresses
(U1=101011, U2=011111 and U3=111110).
24
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com