Electronic Components Datasheet Search
  English  ▼

X  

LP62S1664C Datasheet(PDF) 12 Page - AMIC Technology

Part # LP62S1664C
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1664C Datasheet(HTML) 12 Page - AMIC Technology

Back Button LP62S1664C Datasheet HTML 7Page - AMIC Technology LP62S1664C Datasheet HTML 8Page - AMIC Technology LP62S1664C Datasheet HTML 9Page - AMIC Technology LP62S1664C Datasheet HTML 10Page - AMIC Technology LP62S1664C Datasheet HTML 11Page - AMIC Technology LP62S1664C Datasheet HTML 12Page - AMIC Technology LP62S1664C Datasheet HTML 13Page - AMIC Technology LP62S1664C Datasheet HTML 14Page - AMIC Technology LP62S1664C Datasheet HTML 15Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
LP62S1664C Series
PRELIMINARY
(February, 2002, Version 0.0)
11
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0V to 2.4V
Input Rise And Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ, tOLZ,
tCHZ, tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = -25
°C to 85°C for –LLT or -40°C to 85°C for -LLI)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2.0
3.6
V
CE
≥ VCC - 0.2V
ICCDR
Data Retention Current
-
3*
µA
VCC = 2.0V,
CE
≥ VCC - 0.2V
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
tR
Operation Recovery Time
tRC
-
ns
See Retention Waveform
tVR
VCC Rise Time from Data Retention
Voltage to Operating Voltage
5
-
ms
* LP62S1664C-55/70(LLT/LLI)
ICCDR: max.
1
µA at TA = 0°C to + 40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com