Electronic Components Datasheet Search
  English  ▼

X  

LP62S1664C Datasheet(PDF) 15 Page - AMIC Technology

Part # LP62S1664C
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1664C Datasheet(HTML) 15 Page - AMIC Technology

Back Button LP62S1664C Datasheet HTML 7Page - AMIC Technology LP62S1664C Datasheet HTML 8Page - AMIC Technology LP62S1664C Datasheet HTML 9Page - AMIC Technology LP62S1664C Datasheet HTML 10Page - AMIC Technology LP62S1664C Datasheet HTML 11Page - AMIC Technology LP62S1664C Datasheet HTML 12Page - AMIC Technology LP62S1664C Datasheet HTML 13Page - AMIC Technology LP62S1664C Datasheet HTML 14Page - AMIC Technology LP62S1664C Datasheet HTML 15Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
LP62S1664C Series
PRELIMINARY
(February, 2002, Version 0.0)
14
AMIC Technology, Inc.
Package Information
Mini BGA 6X8 (48 BALLS) Outline Dimensions
unit : millimeter(mm)
Symbol
Min
Typ
Max
A
-
0.75
-
B
5.90
6.00
6.10
B1
-
3.75
-
C
7.90
8.00
8.10
C1
-
5.25
-
D
0.30
0.35
0.40
E
1.00
1.10
1.20
E1
-
0.36
-
E2
-
0.25
-
1
2
3
4
5
6
A
B
C
D
E
F
G
H
Bottom View
Pin A1 Index
Diameter D
Solder Ball
A
B1
Top View
Pin A1 Index
B
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com