Electronic Components Datasheet Search
  English  ▼

X  

LP62S1664C Datasheet(PDF) 14 Page - AMIC Technology

Part # LP62S1664C
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1664C Datasheet(HTML) 14 Page - AMIC Technology

Back Button LP62S1664C Datasheet HTML 7Page - AMIC Technology LP62S1664C Datasheet HTML 8Page - AMIC Technology LP62S1664C Datasheet HTML 9Page - AMIC Technology LP62S1664C Datasheet HTML 10Page - AMIC Technology LP62S1664C Datasheet HTML 11Page - AMIC Technology LP62S1664C Datasheet HTML 12Page - AMIC Technology LP62S1664C Datasheet HTML 13Page - AMIC Technology LP62S1664C Datasheet HTML 14Page - AMIC Technology LP62S1664C Datasheet HTML 15Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
LP62S1664C Series
PRELIMINARY
(February, 2002, Version 0.0)
13
AMIC Technology, Inc.
Package Information
TSOP 44L (Type II) Outline Dimensions
unit: inches/mm
1
L1
L1
44
ZD
y
e
D
b
L
L
θ
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.047
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.037
0.039
0.041
0.95
1.00
1.05
b
0.012
-
0.018
0.30
-
0.45
c
0.005
-
0.008
0.12
-
0.21
D
0.720
0.725
0.730
18.28
18.41
18.54
ZD
0.032 REF
0.805 REF
E
0.455
0.463
0.471
11.56
11.76
11.96
E1
0.395
0.400
0.405
10.03
10.16
10.29
L
0.019
0.023
0.027
0.49
0.59
0.69
L1
0.031 REF
0.80 REF
e
0.031 BSC
0.80 BSC
y
-
-
0.004
-
-
0.10
θ
0°
-
5°
0°
-
5°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E1 does not include resin fins.
3. Dimension ZD includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com