Electronic Components Datasheet Search
  English  ▼

X  

LP62S1664C Datasheet(PDF) 4 Page - AMIC Technology

Part # LP62S1664C
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1664C Datasheet(HTML) 4 Page - AMIC Technology

  LP62S1664C Datasheet HTML 1Page - AMIC Technology LP62S1664C Datasheet HTML 2Page - AMIC Technology LP62S1664C Datasheet HTML 3Page - AMIC Technology LP62S1664C Datasheet HTML 4Page - AMIC Technology LP62S1664C Datasheet HTML 5Page - AMIC Technology LP62S1664C Datasheet HTML 6Page - AMIC Technology LP62S1664C Datasheet HTML 7Page - AMIC Technology LP62S1664C Datasheet HTML 8Page - AMIC Technology LP62S1664C Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LP62S1664C Series
PRELIMINARY
(February, 2002, Version 0.0)
3
AMIC Technology, Inc.
Pin Description - TSOP
Pin No.
Symbol
Description
1 - 5, 18 - 21,
24 - 27,42 - 44
A0 - A15
Address Inputs
6
CE
Chip Enable Input
7 - 10, 13 - 16,
29 - 32, 35 - 38
I/O0 - I/O15
Data Input/Outputs
17
WE
Write Enable Input
39
LB
Byte Enable Input (I/O0 to I/O7)
40
HB
Byte Enable Input (I/O8 to I/O15)
41
OE
Output Enable Input
11, 33
VCC
Power
12, 34
GND
Ground
22 , 23, 28
NC
No Connection
Recommended DC Operating Conditions
(TA = -25
°C to + 85°C for –LLT or -40°C to 85°C for -LLI)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com