Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 35Page - Texas Instruments TMS320C44 Datasheet HTML 36Page - Texas Instruments TMS320C44 Datasheet HTML 37Page - Texas Instruments TMS320C44 Datasheet HTML 38Page - Texas Instruments TMS320C44 Datasheet HTML 39Page - Texas Instruments TMS320C44 Datasheet HTML 40Page - Texas Instruments TMS320C44 Datasheet HTML 41Page - Texas Instruments TMS320C44 Datasheet HTML 42Page - Texas Instruments TMS320C44 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031C − AUGUST 1994 − REVISED MARCH 2004
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing of IIOFx changing from input to output mode (see Figure 19)
NO
TMS320C44- 50 TMS320C44- 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
td(H1L-IFIO)
Delay time, H1 low to IIOFx switching from input to output
14
14
ns
Execution of
Load of IIF
Register
1
H3
H1
TYPEx
(IIF Register)
IIOFx
Figure 19. Change of IIOFx From Input to Output Mode
RESET timing (see Figure 20)
NO
TMS320C44- 50 TMS320C44- 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tsu(RESET-C1L)
Setup time for RESET before CLKIN low
11
tc(CI)
11
tc(CI)
ns
2.1
td(CIH-H1H)
Delay time, CLKIN high to H1 high
2
10
2
10
ns
2.2
td(CIH-H1L)
Delay time, CLKIN high to H1 low
2
10
2
10
ns
3
tsu(RESETH-H1L)
Setup time for RESET high before H1 low and after ten H1
clock cycles
13
13
ns
4.1
td(CIH-H3L)
Delay time, CLKIN high to H3 low
2
10
2
10
ns
4.2
td(CIH-H3H)
Delay time, CLKIN high to H3 high
2
10
2
10
ns
5
td(H1H-DZ)
Delay time, H1 high to (L)Dx in the high-impedance state
13
13
ns
6
td(H3H-AZ)
Delay time, H3 high to (L)Ax in the high-impedance state
9
9
ns
7
td(H3H-CONTROLH)
Delay time, H3 high to control signals high [low for (L)PAGE]
9
9
ns
8
td(H1H-IACKH)
Delay time, H1 high to IACK high
9
9
ns
9
td(RESETL-ASYNCH)
Delay time, RESET low to asynchronous reset signals in the
high-impedance state
21
21
ns
10
td(RESETH-COMMH)
Delay time, RESET high to asynchronous reset signals high
15
15
ns
11
td(H1H-CDIRL)
Delay time,
9
9
ns
12
td(H1H-CDIRH)
Delay time,
9
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com