Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 37Page - Texas Instruments TMS320C44 Datasheet HTML 38Page - Texas Instruments TMS320C44 Datasheet HTML 39Page - Texas Instruments TMS320C44 Datasheet HTML 40Page - Texas Instruments TMS320C44 Datasheet HTML 41Page - Texas Instruments TMS320C44 Datasheet HTML 42Page - Texas Instruments TMS320C44 Datasheet HTML 43Page - Texas Instruments TMS320C44 Datasheet HTML 44Page - Texas Instruments TMS320C44 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031C − AUGUST 1994 − REVISED MARCH 2004
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing for IIOFx interrupt response [P = tc(H)] (see Notes 9 and 10 and Figure 21)
NO
TMS320C44- 50
TMS320C44 -60
UNIT
NO.
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
1
tsu(IIOF-H1L)
Setup time, IIOFx before H1 low
11†
11†
ns
2
tw(INT)
Pulse duration, to assure one interrupt seen
(see Note 11)
P
1.5 P
2 P
P
1.5 P
2 P
ns
† If this timing is not met, the interrupt is recognized in the next cycle.
NOTES: 9. IIOFx is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact
sequence shown occurs; otherwise, an additional delay of one clock cycle can occur.
10. Edge-triggered interrupts require a setup of time (1) and a minimum duration of P. No maximum duration limit exists.
11. Level-triggered interrupts require interrupt-pulse duration of at least 1 P wide (P = one H1 period) to ensure it will be seen. It must
be ≤ to 2 P wide to ensure it will be responded to only once. Recommended pulse duration is 1.5 P.
Reset or
Interrupt
Vector Read
Fetch First
Instruction of
Service
Routine
H3
H1
IIOFx
FLAGx
(IIF Register)
Address
Data
Vector
Address
First
Instruction
Address
1
2
(see Note A)
NOTE A: The C44 can accept an interrupt from the same source every two H1 clock cycles.
Figure 21. IIOFx Interrupt-Response Timing [P = tc(H)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com