Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C44 Datasheet HTML 1Page - Texas Instruments TMS320C44 Datasheet HTML 2Page - Texas Instruments TMS320C44 Datasheet HTML 3Page - Texas Instruments TMS320C44 Datasheet HTML 4Page - Texas Instruments TMS320C44 Datasheet HTML 5Page - Texas Instruments TMS320C44 Datasheet HTML 6Page - Texas Instruments TMS320C44 Datasheet HTML 7Page - Texas Instruments TMS320C44 Datasheet HTML 8Page - Texas Instruments TMS320C44 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031C − AUGUST 1994 − REVISED MARCH 2004
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Pin Functions (Continued)
SIGNAL NAME
DESCRIPTION
TYPE†
NO. OF
PINS
LOCAL-BUS EXTERNAL INTERFACE (73 pins) (Continued)
LSTRB0‡
1
O/Z
Access strobe 0 for the local-bus external interface
LR/ W0
1
O/Z
Read/ write signal for LSTRB0 accesses
LPAGE0
1
O/Z
Page signal for LSTRB0 accesses
LRDY0
1
I
Ready signal for LSTRB0 accesses
LCE0
1
I
Control enable for the LSTRB0, LPAGE0, and LR / W0 signals
LSTRB1‡
1
O/Z
Access strobe 1 for the local-bus external interface
LR/ W1
1
O/Z
Read/ write signal for LSTRB1 accesses
LPAGE1
1
O/Z
Page signal for LSTRB1 accesses
LRDY1
1
I
Ready signal for LSTRB1 accesses
LCE1
1
I
Control enable for the LSTRB1, LPAGE1, and LR/ W1 signals
COMMUNICATION PORT 1 INTERFACE (13 pins)
C1D7−C1D0
8
I/O
Communication port 1 data bus
CREQ1
1
I/O
Communication port 1 token-request signal
CACK1
1
I/O
Communication port 1 token-request-acknowledge signal
CSTRB1
1
I/O
Communication port 1 data-strobe signal
CRDY1
1
I/O
Communication port 1 data-ready signal
CDIR1
1
O
Communication port 1 direction signal
COMMUNICATION PORT 2 INTERFACE (13 pins)
C2D7−C2D0
8
I/O
Communication port 2 data bus
CREQ2
1
I/O
Communication port 2 token-request signal
CACK2
1
I/O
Communication port 2 token-request-acknowledge signal
CSTRB2
1
I/O
Communication port 2 data-strobe signal
CRDY2
1
I/O
Communication port 2 data-ready signal
CDIR2
1
O
Communication port 2 direction signal
COMMUNICATION PORT 4 INTERFACE (13 pins)
C4D7−C4D0
8
I/O
Communication port 4 data bus
CREQ4
1
I/O
Communication port 4 token-request signal
CACK4
1
I/O
Communication port 4 token-request-acknowledge signal
CSTRB4
1
I/O
Communication port 4 data-strobe signal
CRDY4
1
I/O
Communication port 4 data-ready signal
CDIR4
1
O
Communication port 4 direction signal
COMMUNICATION PORT 5 INTERFACE (13 pins)
C5D7−C5D0
8
I/O
Communication port 5 data bus
CREQ5
1
I/O
Communication port 5 token-request signal
CACK5
1
I/O
Communication port 5 token-request-acknowledge signal
CSTRB5
1
I/O
Communication port 5 data-strobe signal
CRDY5
1
I/O
Communication port 5 data-ready signal
CDIR5
1
O
Communication port 5 direction signal
† I = input, O = output, Z = high impedance
‡ The effective address range is defined by the local/global STRB ACTIVE bits in the memory interface-control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com