| Electronic Components Datasheet Search |
|
TMS320F240 Datasheet(PDF) 58 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F240 Datasheet(HTML) 58 Page - Texas Instruments |
|
58 / 105 page ![]() TMS320F240 DSP CONTROLLER SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002 58 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 development support (continued) Table 15. Development Support Tools DEVELOPMENT TOOL PLATFORM PART NUMBER Software – Code Generation Tools Assembler/Linker PC , Windows 95 TMDS3242850-02 C Compiler/Assembler/Linker PC, Windows 95 TMDS3242855-02 Software – Emulation Debug Tools LF2407 eZdsp PC TMDS3P761119 Code Composer 4.12, Code Generation 7.0 PC TMDS324012xx Hardware – Emulation Debug Tools XDS510XL Board (ISA card), w/JTAG cable PC TMDS00510 XDS510PP Pod (Parallel Port) w/JTAG cable PC TMDS00510PP Table 16. TMS320F240-Specific Development Tools DEVELOPMENT TOOL PLATFORM PART NUMBER Hardware – Evaluation/Starter Kits TMS320LF2407A EVM PC, Windows 95, Windows 98 TMDX3P701016 TMS320F240 EVM PC TMDX326P124X TMS320F243 EVM PC, Windows 95 TMDS3P604030 device and development-support tool nomenclature To designate the stages in the product development cycle, Texas Instruments assigns prefixes to the part numbers of all TMS320 DSP devices and support tools. Each TMS320 member has one of three prefixes: TMX, TMP, or TMS. Texas Instruments recommends two of three possible prefix designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from engineering prototypes (TMX/TMDX) through fully qualified production devices/tools (TMS/TMDS). This development flow is defined below. Device development evolutionary flow: TMX Experimental device that is not necessarily representative of the final device’s electrical specifications TMP Final silicon die that conforms to the device’s electrical specifications but has not completed quality and reliability verification TMS Fully qualified production device Support tool development evolutionary flow: TMDX Development support product that has not completed TI’s internal qualification testing TMDS Fully qualified development-support product TMX and TMP devices and TMDX development-support tools are shipped against the following disclaimer: “Developmental product is intended for internal evaluation purposes.” XDS510XL, XDS510PP, and TMS320 are trademarks of Texas Instruments. PC is a trademark of International Business Machines Corp. Windows is a registered trademark of Microsoft Corporation. eZdsp is a trademark of Spectrum Digital, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |