Electronic Components Datasheet Search
  English  ▼

X  

TMS320F240 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320F240
Description  DSP CONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320F240 Datasheet HTML 15Page - Texas Instruments TMS320F240 Datasheet HTML 16Page - Texas Instruments TMS320F240 Datasheet HTML 17Page - Texas Instruments TMS320F240 Datasheet HTML 18Page - Texas Instruments TMS320F240 Datasheet HTML 19Page - Texas Instruments TMS320F240 Datasheet HTML 20Page - Texas Instruments TMS320F240 Datasheet HTML 21Page - Texas Instruments TMS320F240 Datasheet HTML 22Page - Texas Instruments TMS320F240 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
TMS320F240
DSP CONTROLLER
SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
reset (continued)
The occurrence of a reset condition causes the TMS320F240 to terminate program execution and affects
various registers and status bits. During a reset, RAM contents remain unchanged, and all control bits that are
affected by a reset are initialized to their reset state. In the case of a power-on reset, the PLL control registers
are initialized to zero. The program needs to recognize power-on resets and configure the PLL for correct
operation.
After a reset, the program can check the power-on reset flag (PORST flag, SYSSR.15), the illegal address flag
(ILLADR flag, SYSSR.12), the software reset flag (SWRST flag, SYSSR.10), and the watchdog reset flag
(WDRST flag, SYSSR.9) to determine the source of the reset. A reset does not clear these flags.
RS and PORESET must be held low until the clock signal is valid and VCC is within the operating range. In
addition, PORESET must be driven low when VCC drops below the minimum operating voltage.
hardware-generated interrupts
All the hardware interrupt lines of the DSP core are given a priority rank from 1 to 10 (1 being highest). When
more than one of these hardware interrupts is pending acknowledgment, the interrupt of highest rank gets
acknowledged first. The others are acknowledged in order after that. Of those ten lines, six are for maskable
interrupt lines (INT1–INT6) and one is for the nonmaskable interrupt (NMI) line. INT1–INT6 and NMI have the
priorities shown in Table 5.
Table 5. Interrupt Priorities at the Level of the DSP Core
INTERRUPT
PRIORITY AT THE
DSP CORE
RESET
1
TI RESERVED†
2
NMI
3
INT1
4
INT2
5
INT3
6
INT4
7
INT5
8
INT6
9
TI RESERVED†
10
† TI Reserved means that the address space is
reserved for Texas Instruments.
The inputs to these lines are controlled by the system module and the event manager as summarized in Table 6
and shown in Figure 5.
Table 6. Interrupt Lines Controlled by the System Module and Event Manager
PERIPHERAL
INTERRUPT LINES
System Module
INT1
INT5
INT6
NMI
Event Manager
INT2
INT3
INT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com