Electronic Components Datasheet Search
  English  ▼

X  

TMS320F240 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320F240
Description  DSP CONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320F240 Datasheet HTML 61Page - Texas Instruments TMS320F240 Datasheet HTML 62Page - Texas Instruments TMS320F240 Datasheet HTML 63Page - Texas Instruments TMS320F240 Datasheet HTML 64Page - Texas Instruments TMS320F240 Datasheet HTML 65Page - Texas Instruments TMS320F240 Datasheet HTML 66Page - Texas Instruments TMS320F240 Datasheet HTML 67Page - Texas Instruments TMS320F240 Datasheet HTML 68Page - Texas Instruments TMS320F240 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
TMS320F240
DSP CONTROLLER
SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
CLOCK OPTIONS
clock options
PARAMETER
CLKMD[1:0]
Clock-in mode, divide-by-2
00
Clock-in mode, divide-by-1
01
PLL enabled, divide-by-2 before PLL lock
10
PLL enabled, divide-by-1 before PLL lock
11
timings with the PLL circuit disabled
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fx
Input clock frequency, divide-by-2 mode
TA = –40°C to 125°C
0†
40
MHz
fx
Input clock frequency, divide-by-1 mode
TA = –40°C to 125°C
0†
20
MHz
† This device utilizes a fully static design and, therefore, can operate with input clock cycle time [tc(CI)] approaching infinity. The device is
characterized at frequencies approaching 0 Hz.
switching characteristics over recommended operating conditions [H = 0.5 tc(CO)]
(see Note 1 and Figure 21)
PARAMETER
CLOCK MODE
MIN
TYP
MAX
UNIT
t
C cle time CPUCLK
CLKIN divide by 2
2tc(Cl)
†
ns
tc(CPU)
Cycle time, CPUCLK
CLKIN divide by 1
tc(Cl)
ns
t
C cle time SYSCLK
CPUCLK divide by 2
2tc(CPU)
†
ns
tc(SYS)
Cycle time, SYSCLK
CPUCLK divide by 4‡
4tc(CPU)
ns
t
C cle time CLKOUT
CLKIN divide by 2
2tc(Cl)
†
ns
tc(CO)
Cycle time, CLKOUT
CLKIN divide by 1
tc(Cl)
†
ns
td(CIH-CO)
Delay time, XTAL1/CLKIN high to CLKOUT high/low
3
18
32
ns
tf(CO)
Fall time, CLKOUT
5
ns
tr(CO)
Rise time, CLKOUT
5
ns
tw(COL)
Pulse duration, CLKOUT low
H–10
H–6
H–1
ns
tw(COH)
Pulse duration, CLKOUT high
H+0
H+4
H+8
ns
† This device utilizes a fully static design and, therefore, can operate with input clock cycle time [tc(CI)] approaching infinity. The device is
characterized at frequencies approaching 0 Hz.
‡ SYSCLK is initialized to divide-by-4 mode by any device reset.
NOTE 1: Timings assume CLKOUT is set to output CPUCLK. CLKOUT is initialized to CPUCLK by power-on reset.
timing requirements over recommended operating conditions (see Figure 21)
CLOCK-IN MODE
MIN
MAX
UNIT
t
C cle time XTAL1/CLKIN
Divide by 2
25
†
ns
tc(Cl)
Cycle time, XTAL1/CLKIN
Divide by 1
50
†
ns
tf(Cl)
Fall time, XTAL1/CLKIN
5
ns
tr(Cl)
Rise time, XTAL1/CLKIN
5
ns
tw(CIL)
Pulse duration, XTAL1/CLKIN low as a percentage of tc(Cl)
45
55
%
tw(CIH)
Pulse duration, XTAL1/CLKIN high as a percentage of tc(Cl)
45
55
%
† This device utilizes a fully static design and, therefore, can operate with input clock cycle time [tc(CI)] approaching infinity. The device is
characterized at frequencies approaching 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com