Electronic Components Datasheet Search
  English  ▼

X  

APR6008 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # APR6008
Description  Voice Recording & Playback Device Voice Recording & Playback Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6008 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button APR6008 Datasheet HTML 5Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 6Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 9Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 10Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 12Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 13Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
APR6008
Voice Recording & Playback Device
Page 9
Revision 2.1
Reading the SID
Each device in the APR60XX series family contains an
embedded Silicon Identification (SID). The SID can be read
by the host processor to identify which family / family member
is being used. Reading the device SID requires issuing two
OpCode commands; a SID command followed by any other
command, usually a NOP command. The device will clock
the SID data out on the DO pin as the command that follows
the SID command is clocked in. Figure 9 is a diagram that
describes the process necessary for reading SID information.
Figure 9 SID Timing
The SID information follows the format given in Figure 10.
The first bit shifted out, D0, is the Overflow bit. The Overflow
bit is set to a binary 1 if an attempt was made to record
beyond the available memory. The Overflow bit is set to a 0 if
an overflow has not occurred. This bit is cleared after it has
been read. The D1 bit is the End Of Data (EOD) bit. The EOD
bit is set when the device stops playing or fast forwarding as
a result of EOD bit in memory. The EOD bit is cleared after it
has been read. The D2 bit is the Illegal Address Bit. The Ille-
gal Address Bit is set whenever an illegal address is sent to
the device. The D3 bit is the Lbat bit. This bit is set when the
device senses a supply voltage below specification. The fol-
lowing five bits represent the product family. The APR60XX
product family code is binary 01000 as shown in Figure 10.
The next four bits represent the device code. The APR6008
device code is binary 0100 as shown in Figure 10 The last
seven bits are random data and should be ignored.
Figure 10 SID Bit Stream
S ID C om m and
Ne xt C om m and
/C S
SCLK
DI
C D S O utput D ata
S ID O utpu t D ata
DO
L bat
OVF
EOD
Illegal Address
D0
D1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D2
Product
Family
0
0
0
1
0
~
~
D19
0
0
10
Device
Code
APR60XX Series
Family (Binary)
APR6008 Device
Code (Binary)
Ignore These
Bits
First bit shifted out
Last bit shifted out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com