Electronic Components Datasheet Search
  English  ▼

X  

APR6008 Datasheet(PDF) 19 Page - Aplus Intergrated Circuits

Part # APR6008
Description  Voice Recording & Playback Device Voice Recording & Playback Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6008 Datasheet(HTML) 19 Page - Aplus Intergrated Circuits

Back Button APR6008 Datasheet HTML 15Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 21Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 22Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 23Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
APR6008
Voice Recording & Playback Device
Page 19
Revision 2.1
SPI clock high time
ThiSCLK
400
ns
Clock to rising edge of /CS
TrCS
200
ns
Fall of /CS to DO output
TfcsDO
200
ns
Fall of SCLK to data out valid
TfSCLK
1000
ns
Rise of /CS to DO high Z
ThzDO
500
ns
Period SPI clock for digital read,
write
DTpSCLK
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
500
uS
250
uS
Equation 1
S
First SET_REC command to start
recording
Tarec
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
376
188
Equation 2
ms
ms
S
Rise of SAC after STOP Com-
mand to end of recording
TSarec
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
376
188
Equation 2
ms
ms
S
First SET_PLAY command to
audio output
Taplay
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
376
188
Equation 2
ms
ms
S
STOP after SET_PLAY or PLAY
to end of audio output
TSaplay
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
376
188
Equation 2
ms
ms
S
SAC period
TpSAC
REC, PLAY @4kHz
REC, PLAY @8kHz
REC, PLAY EXTCLK
FWD @4kHz
FWD @8kHz
FWD @ EXTCLK
752
376
Equation 3
2
1
Equation 4
ms
ms
ms
ms
S
SAC low time
TloSAC
REC, PLAY @4kHz
REC, PLAY @8kHz
REC, PLAY EXTCLK
FWD @4kHz
FWD @8kHz
FWD @ EXTCLK
94
47
equation 5
0.25
0.125
Equation 6
ms
ms
ms
ms
S
See Figure 6 and Table 1
Tnext1
5
uS
See Figure 6 and Table 1
Tnext2
mS
5
See Figure 6 and Table 1
Tnext3
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
752
376
Equation 3
ms
ms
S
Item
Symbol
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com