Electronic Components Datasheet Search
  English  ▼

X  

APR6008 Datasheet(PDF) 18 Page - Aplus Intergrated Circuits

Part # APR6008
Description  Voice Recording & Playback Device Voice Recording & Playback Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6008 Datasheet(HTML) 18 Page - Aplus Intergrated Circuits

Back Button APR6008 Datasheet HTML 14Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 15Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 21Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 22Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
APR6008
Page 18
Voice Recording & Playback Device
Revision 2.1
Table 5
DC Characteristics
Table 6
AC Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VCCA
VCCD
2.9
3.0
3.3
V
Operating Temperature
TA
0
+70
oC
Input High Voltage
VIH
VCC = 2.9V
2.4
3
5.5
V
Input Low Voltage
VIL
VCC = 3.3V
VSS - 0.3V
0
.4
V
Output High Voltage
VOH
VCC = 2.7V
IOH=-1.6mA
VCCD - 0.5V
V
Output Low Voltage
VOL
VCC = 2.7V
IOL=1.0mA
0.4
V
Input Leakage Current
IIH
VCC = 3.3V
VIH=VCC
0.3
1
uA
Input Leakage Current
IIL
VCC = 3.3V
uA
VIL=VSS
0
-1
Output Tristate Leakage Current
IOZ
VCC = 3.3V
VOUT=VCC
uA
or
VOUT=Vss
+1
Operating Current Consumption
ICC
VCC = 3.3V
Recording
Playback
Idle
25
15
2.5
mA
mA
mA
Standby Current Consumption
ICCS
VCC = 3.3V
uA
After 20 sec.
1
Item
Symbol
Condition
Min
Typ
Max
Unit
ANAIN+ or ANAIN- input voltage
VMI
45
50
mVP-P
ANAIN+ input resistance
RANAIN
Ohm
3
k
ANAIN+/ANAIN- Gain
GANAIN
22
23
dB
ANAOUT Output Voltage
VANOUT
560
700
mVP-P
Total Harmonic Distortion
THD
@ 1kHz & 45mVP-P input
0.5
1
%
VCC ready to fall /CS
Tpwrup
90% of VCC min. specification
10
ms
/RESET low time
TloRST
1
ms
Rise /RESET to fall /CS
TRdone
1
ms
/CS fall to clock edge
Tfcs
500
ns
SPI Data set-up time
TsuDI
200
ns
Period SPI clock
TpSCLK
1000
ns
SPI data hold time
ThDI
200
ns
SPI clock low time
TloSCLK
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com