Electronic Components Datasheet Search
  English  ▼

X  

APR6008 Datasheet(PDF) 17 Page - Aplus Intergrated Circuits

Part # APR6008
Description  Voice Recording & Playback Device Voice Recording & Playback Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6008 Datasheet(HTML) 17 Page - Aplus Intergrated Circuits

Back Button APR6008 Datasheet HTML 13Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 14Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 15Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 21Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
APR6008
Voice Recording & Playback Device
Page 17
Revision 2.1
Electrical Characteristics
The following tables list Absolute Maximum Ratings, Recom-
mended DC Characteristics, and recommended AC Charac-
teristics for the APR6008 device.
Absolute Maximum Ratings
Stresses greater than those listed in Table 4 may cause per-
manent damage to the device. These specifications repre-
sent a stress rating only. Operation of the device at these or
any other conditions above those specified in the recom-
mended DC Characteristics or recommended AC Character-
istics of this specification is not implied. Maximum conditions
for extended periods may affect reliability.
Table 4
Absolute Maximum Ratings.
ANAIN+
17
17
19
Non-Inverting Analog Input: This input is the non-inverting input for the analog
signal that the user wishes to record. When the device is used in a differential
input configuration this pin should receive a 16 mV peak to peak input coupled
through a 0.1 uF capacitor. When the device is used in a single ended input con-
figuration this pin should receive a 32 mV peak to peak input coupled through a
0.1 uF capacitor.
/BUSY
21
21
23
Busy Output: This active low output is low during either a record, playback or
fast forward operation. The pin is tri-stated otherwise. This pin can be connected
to an LED to indicate playback/record operation to the user. This pin can also be
connected to an external microcontroller as an indication of the status of play-
back, record, forward, or digital operation.
VCCD
27
27
30, 31, 32
Digital Power Supply: This connection supplies power for all on-chip digital cir-
cuitry. This pin should be connected to the 3.0 V power plane through a via. This
pin should also be connected to a 0.1 uF bypass cap as close to the pin as possi-
ble.
VCCA
18
18
20, 21
Analog Power Supply: This connection supplies power for all on-chip analog
circuitry. This pin should be connected to the 3.0 V power plane through a via.
This pin should also be connected to a 0.1 uF bypass cap as close to the pin as
possible.
VSSA
12,23
12,23
12, 13, 14, 24,
25, 26
Analog Ground: These pins should be connected to the ground plane through a
via. The connection should be made as close to the pin as possible.
VSSD
4
4
5, 6
Digital Ground: This pin should be connected to the ground plane through a via.
The connection should be made as close to the pin as possible.
NC
5, 6, 7,
10, 19,
20, 22
5, 6, 7,
10, 19,
20, 22
1, 7, 8, 22
No Connect: These pins should not be connected to anything on the board. Con-
nection of these pins to any signal, GND or VCC may result in incorrect device
behavior or cause damage to the device.
Pin Name
Pin No.
28 pin
SOP
Pin No.
28 pin
DIP
Pad No. (Die)
Reference Figure
18
Functionality
Item
Symbol
Condition
Min
Max
Unit
Power Supply voltage
VCC
TA = 25 C
-0.3
7.0
V
Input Voltage
VIN
TA = 25 C
Device VCC = 3.0 V
-0.3
5.5
V
Storage Temperature
TSTG
-
-65
150
oC
Temperature Under Bias
TBS
-
-65
125
oC
Lead Temperature
TLD
<10s
300
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com