Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM2586
Description  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2586 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM2586 Datasheet HTML 16Page - Texas Instruments LM2586 Datasheet HTML 17Page - Texas Instruments LM2586 Datasheet HTML 18Page - Texas Instruments LM2586 Datasheet HTML 19Page - Texas Instruments LM2586 Datasheet HTML 20Page - Texas Instruments LM2586 Datasheet HTML 21Page - Texas Instruments LM2586 Datasheet HTML 22Page - Texas Instruments LM2586 Datasheet HTML 23Page - Texas Instruments LM2586 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LM2586
SNVS121D – MAY 1996 – REVISED APRIL 2013
www.ti.com
Step-Up (Boost) Regulator Operation
Figure 46 shows the LM2586 used as a step-up (boost) regulator. This is a switching regulator that produces an
output voltage greater than the input supply voltage.
A brief explanation of how the LM2586 Boost Regulator works is as follows (refer to Figure 46). When the NPN
switch turns on, the inductor current ramps up at the rate of VIN/L, storing energy in the inductor. When the
switch turns off, the lower end of the inductor flies above VIN, discharging its current through diode (D) into the
output capacitor (COUT) at a rate of (VOUT − VIN)/L. Thus, energy stored in the inductor during the switch on time
is transferred to the output during the switch off time. The output voltage is controlled by adjusting the peak
switch current, as described in Flyback Regulator.
Figure 46. 12V Boost Regulator
By adding a small number of external components (as shown in Figure 46), the LM2586 can be used to produce
a regulated output voltage that is greater than the applied input voltage. The switching waveforms observed
during the operation of this circuit are shown in Figure 47. Typical performance of this regulator is shown in
Figure 48.
20
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links: LM2586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com