Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM2586
Description  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2586 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM2586 Datasheet HTML 28Page - Texas Instruments LM2586 Datasheet HTML 29Page - Texas Instruments LM2586 Datasheet HTML 30Page - Texas Instruments LM2586 Datasheet HTML 31Page - Texas Instruments LM2586 Datasheet HTML 32Page - Texas Instruments LM2586 Datasheet HTML 33Page - Texas Instruments LM2586 Datasheet HTML 34Page - Texas Instruments LM2586 Datasheet HTML 35Page - Texas Instruments LM2586 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2586S-12/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2586S
-12 P+
LM2586S-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2586S
-3.3 P+
LM2586S-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2586S
-5.0 P+
LM2586S-ADJ
NRND
DDPAK/
TO-263
KTW
7
45
TBD
Call TI
Call TI
-40 to 125
LM2586S
-ADJ P+
LM2586S-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2586S
-ADJ P+
LM2586SX-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2586S
-3.3 P+
LM2586SX-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2586S
-5.0 P+
LM2586SX-ADJ
NRND
DDPAK/
TO-263
KTW
7
500
TBD
Call TI
Call TI
-40 to 125
LM2586S
-ADJ P+
LM2586SX-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2586S
-ADJ P+
LM2586T-3.3/NOPB
ACTIVE
TO-220
NDZ
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2586T
-3.3 P+
LM2586T-5.0/NOPB
ACTIVE
TO-220
NDZ
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2586T
-5.0 P+
LM2586T-ADJ
NRND
TO-220
NDZ
7
45
TBD
Call TI
Call TI
-40 to 125
LM2586T
-ADJ P+
LM2586T-ADJ/NOPB
ACTIVE
TO-220
NDZ
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2586T
-ADJ P+
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com