Electronic Components Datasheet Search
  English  ▼

X  

LM2990 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2990
Description  LM2990 Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2990 Datasheet(HTML) 4 Page - Texas Instruments

  LM2990 Datasheet HTML 1Page - Texas Instruments LM2990 Datasheet HTML 2Page - Texas Instruments LM2990 Datasheet HTML 3Page - Texas Instruments LM2990 Datasheet HTML 4Page - Texas Instruments LM2990 Datasheet HTML 5Page - Texas Instruments LM2990 Datasheet HTML 6Page - Texas Instruments LM2990 Datasheet HTML 7Page - Texas Instruments LM2990 Datasheet HTML 8Page - Texas Instruments LM2990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM2990
SNVS093D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
VIN = −5V + VO(NOM)
(1), I
O = 1A, CO = 47 μF, unless otherwise specified. Boldface limits apply over the entire operating
temperature range,
−40°C ≤ TJ ≤ 125°C, all other limits apply for TJ = 25°C.
LM2990-12
LM2990-15
Units
Parameter
Conditions
(Limit)
Typ(2)
Limit(3)
Typ(2)
Limit(3)
Output Voltage (VO)
−11.76
−14.70
V (max)
5 mA
≤ IO ≤ 1A
−12.24
−15.30
V (min)
−12
−15
V
5 mA
≤ IO ≤ 1A
−11.40
−14.25
V (max)
−12.60
−15.75
V (min)
Line Regulation
IO = 5 mA,
6
60
6
60
mV (max)
VO(NOM) −1V > VIN > −26V
Load Regulation
50 mA
≤ IO ≤ 1A
3
50
3
50
mV (max)
Dropout Voltage
IO = 0.1A, ΔVO ≤ 100 mV
0.1
0.3
0.1
0.3
V (max)
IO = 1A, ΔVO ≤ 100 mV
0.6
1
0.6
1
V (max)
Quiescent Current (Iq)
IO ≤ 1A
1
5
1
5
mA (max)
IO = 1A, VIN = VO(NOM)
9
50
9
50
mA (max)
Short Circuit Current
RL = 1Ω
(4)
1.2
0.9
1.0
0.75
A (min)
Maximum Output Current
See(4)
1.8
1.4
1.8
1.4
A (min)
Ripple Rejection
Vripple = 1 Vrms,
52
42
52
42
dB (min)
ƒripple = 1 kHz, IO = 5 mA
Output Noise Voltage
10 Hz–100 kHz, IO = 5 mA
500
1500
600
1800
μV (max)
Long Term Stability
1000 Hours
2000
2000
ppm
(1)
VO(NOM) is the nominal (typical) regulator output voltage, −5V, −5.2V, −12V or −15V.
(2)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(3)
Limits are specified and 100% production tested.
(4)
The short circuit current is less than the maximum output current with the
−12V and −15V versions due to internal foldback current
limiting. The
−5V and −5.2V versions, tested with a lower input voltage, does not reach the foldback current limit and therefore conducts
a higher short circuit current level. If the LM2990 output is pulled above ground, the maximum allowed current sunk back into the
LM2990 is 1.5A.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com