Electronic Components Datasheet Search
  English  ▼

X  

LM2990 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2990
Description  LM2990 Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2990 Datasheet(HTML) 3 Page - Texas Instruments

  LM2990 Datasheet HTML 1Page - Texas Instruments LM2990 Datasheet HTML 2Page - Texas Instruments LM2990 Datasheet HTML 3Page - Texas Instruments LM2990 Datasheet HTML 4Page - Texas Instruments LM2990 Datasheet HTML 5Page - Texas Instruments LM2990 Datasheet HTML 6Page - Texas Instruments LM2990 Datasheet HTML 7Page - Texas Instruments LM2990 Datasheet HTML 8Page - Texas Instruments LM2990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM2990
www.ti.com
SNVS093D – JUNE 1999 – REVISED APRIL 2013
Operating Ratings
(1)
Junction Temperature Range (TJ)
−40°C to +125°C
Maximum Input Voltage (Operational)
−26V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
Electrical Characteristics
VIN = −5V + VO(NOM)
(1), I
O = 1A, CO = 47 μF, unless otherwise specified. Boldface limits apply over the entire operating
temperature range,
−40°C ≤ TJ ≤ 125°C, all other limits apply for TJ = 25°C.
LM2990-5.0
LM2990-5.2
Units
Parameter
Conditions
(Limit)
Typ(2)
Limit(3)
Typ(2)
Limit(3)
Output Voltage (VO)
−4.90
−5.10
V (max)
5 mA
≤ IO ≤ 1A
−5.10
−5.30
mV (min)
−5
−5.2
V
5 mA
≤ IO ≤ 1A
−4.75
−4.94
V (max)
−5.25
−5.46
V (min)
Line Regulation
IO = 5 mA,
4
40
4
40
mV (max)
VO(NOM) −1V > VIN > −26V
Load Regulation
50 mA
≤ IO ≤ 1A
1
40
1
40
mV (max)
Dropout Voltage
IO = 0.1A, ΔVO ≤ 100 mV
0.1
0.3
0.1
0.3
V (max)
IO = 1A, ΔVO ≤ 100 mV
0.6
1
0.6
1
V (max)
Quiescent Current (Iq)
IO ≤ 1A
1
5
1
5
mA (max)
IO = 1A, VIN = VO(NOM)
9
50
9
50
mA (max)
Short Circuit Current
RL = 1Ω
(4)
1.8
1.5
1.8
1.5
A (min)
Maximum Output Current
See(4)
1.8
1.5
1.8
1.5
A (min)
Ripple Rejection
Vripple = 1 Vrms,
58
50
58
50
dB (min)
ƒripple = 1 kHz, IO = 5 mA
Output Noise Voltage
10 Hz–100 kHz, IO = 5 mA
250
750
250
750
μV (max)
Long Term Stability
1000 Hours
2000
2000
ppm
(1)
VO(NOM) is the nominal (typical) regulator output voltage, −5V, −5.2V, −12V or −15V.
(2)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(3)
Limits are specified and 100% production tested.
(4)
The short circuit current is less than the maximum output current with the
−12V and −15V versions due to internal foldback current
limiting. The
−5V and −5.2V versions, tested with a lower input voltage, does not reach the foldback current limit and therefore conducts
a higher short circuit current level. If the LM2990 output is pulled above ground, the maximum allowed current sunk back into the
LM2990 is 1.5A.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com