Electronic Components Datasheet Search
  English  ▼

X  

LM2990 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2990
Description  LM2990 Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2990 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2990 Datasheet HTML 6Page - Texas Instruments LM2990 Datasheet HTML 7Page - Texas Instruments LM2990 Datasheet HTML 8Page - Texas Instruments LM2990 Datasheet HTML 9Page - Texas Instruments LM2990 Datasheet HTML 10Page - Texas Instruments LM2990 Datasheet HTML 11Page - Texas Instruments LM2990 Datasheet HTML 12Page - Texas Instruments LM2990 Datasheet HTML 13Page - Texas Instruments LM2990 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM2990
SNVS093D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
APPLICATION HINTS
EXTERNAL CAPACITORS
The LM2990 regulator requires an output capacitor to maintain stability. The capacitor must be at least 10
μF
aluminum electrolytic or 1
μF solid tantalum. The output capacitor's ESR must be less than 10Ω, or the zero
added to the regulator frequency response by the ESR could reduce the phase margin, creating oscillations
(refer to the graph on the right). An input capacitor, of at least 1
μF solid tantalum or 10 μF aluminum electrolytic,
is also needed if the regulator is situated more than 6
″ from the input power supply filter.
FORCING THE OUTPUT POSITIVE
Due to an internal clamp circuit, the LM2990 can withstand positive voltages on its output. If the voltage source
pulling the output positive is DC, the current must be limited to 1.5A. A current over 1.5A fed back into the
LM2990 could damage the device. The LM2990 output can also withstand fast positive voltage transients up to
26V, without any current limiting of the source. However, if the transients have a duration of over 1 ms, the
output should be clamped with a Schottky diode to ground.
Figure 28. Output Capacitor ESR
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com