Electronic Components Datasheet Search
  English  ▼

X  

LM2990 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2990
Description  LM2990 Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2990 Datasheet(HTML) 2 Page - Texas Instruments

  LM2990 Datasheet HTML 1Page - Texas Instruments LM2990 Datasheet HTML 2Page - Texas Instruments LM2990 Datasheet HTML 3Page - Texas Instruments LM2990 Datasheet HTML 4Page - Texas Instruments LM2990 Datasheet HTML 5Page - Texas Instruments LM2990 Datasheet HTML 6Page - Texas Instruments LM2990 Datasheet HTML 7Page - Texas Instruments LM2990 Datasheet HTML 8Page - Texas Instruments LM2990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM2990
SNVS093D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Front View
Figure 1. 3-Lead TO-220 Package
See Package Number NDE0003B
Top View
Side View
Figure 2. Surface-Mount DDPAK/TO-263 Package
Figure 3. Surface-Mount DDPAK/TO-263 Package
See Package Number KTT0003B
See Package Number KTT0003B
Top View
Top View
Figure 4. 16-Lead CDIP Package
Figure 5. 16-Lead CLGA Package
See Package Number NFE0016A
See Package Number NAC0016A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage
−26V to +0.3V
ESD Susceptibility(3)
2 kV
Power Dissipation(4)
Internally Limited
Junction Temperature (TJmax)
125°C
Storage Temperature
−65°C to +150°C
TO-220 (T), Wave
260°C, 10 sec
Soldering Temperature
DDPAK/TO-263 (S)
235°C, 30 sec
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(4)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 125°C, and the LM2990 will
eventually go into thermal shutdown at a TJ of approximately 160°C. For the LM2990, the junction-to-ambient thermal resistance, is
53°C/W, 73°C/W for the DDPAK/TO-263, and the junction-to-case thermal resistance is 3°C. If the DD[AK/TO-263 package is used, the
thermal resistance can be reduced by increasing the P.C. board copper area thermally connected to the package. Using 0.5 square
inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W; and with 1.6 or more square inches of copper
area,
θJA is 32°C/W.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com