Electronic Components Datasheet Search
  English  ▼

X  

SC16IS752 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC16IS752 Datasheet HTML 1Page - NXP Semiconductors SC16IS752 Datasheet HTML 2Page - NXP Semiconductors SC16IS752 Datasheet HTML 3Page - NXP Semiconductors SC16IS752 Datasheet HTML 4Page - NXP Semiconductors SC16IS752 Datasheet HTML 5Page - NXP Semiconductors SC16IS752 Datasheet HTML 6Page - NXP Semiconductors SC16IS752 Datasheet HTML 7Page - NXP Semiconductors SC16IS752 Datasheet HTML 8Page - NXP Semiconductors SC16IS752 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
SC16IS752_SC16IS762
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 9 — 22 March 2012
3 of 60
NXP Semiconductors
SC16IS752; SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SC16IS752IPW
TSSOP28
plastic thin shrink small outline package; 28 leads; body width 4.4 mm
SOT361-1
SC16IS762IPW
SC16IS752IBS
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads; 32 terminals;
body 5
 5  0.85 mm
SOT617-1
SC16IS762IBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com