Electronic Components Datasheet Search
  English  ▼

X  

SC16IS752 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 10Page - NXP Semiconductors SC16IS752 Datasheet HTML 11Page - NXP Semiconductors SC16IS752 Datasheet HTML 12Page - NXP Semiconductors SC16IS752 Datasheet HTML 13Page - NXP Semiconductors SC16IS752 Datasheet HTML 14Page - NXP Semiconductors SC16IS752 Datasheet HTML 15Page - NXP Semiconductors SC16IS752 Datasheet HTML 16Page - NXP Semiconductors SC16IS752 Datasheet HTML 17Page - NXP Semiconductors SC16IS752 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
SC16IS752_SC16IS762
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 9 — 22 March 2012
14 of 60
NXP Semiconductors
SC16IS752; SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.5 Interrupts
The SC16IS752/SC16IS762 has interrupt generation and prioritization (seven prioritized
levels of interrupts) capability. The interrupt enable registers (IER and IOIntEna) enable
each of the seven types of interrupts and the IRQ signal in response to an interrupt
generation. When an interrupt is generated, the IIR indicates that an interrupt is pending
and provides the type of interrupt through IIR[5:0]. Table 6 summarizes the interrupt
control functions.
It is important to note that for the framing error, parity error, and break conditions, Line
Status Register bit 7 (LSR[7]) generates the interrupt. LSR[7] is set when there is an error
anywhere in the RX FIFO, and is cleared only when there are no more errors remaining in
the FIFO. LSR[4:2] always represent the error status for the received character at the top
of the RX FIFO. Reading the RX FIFO updates LSR[4:2] to the appropriate status for the
new character at the top of the FIFO. If the RX FIFO is empty, then LSR[4:2] are all zeros.
For the Xoff interrupt, if an Xoff flow character detection caused the interrupt, the interrupt
is cleared by an Xon flow character detection. If a special character detection caused the
interrupt, the interrupt is cleared by a read of the IIR.
Table 6.
Summary of interrupt control functions
IIR[5:0]
Priority
level
Interrupt type
Interrupt source
00 0001
none
none
none
00 0110
1
receiver line status
Overrun Error (OE), Framing Error (FE), Parity Error
(PE), or Break Interrupt (BI) errors occur in
characters in the RX FIFO
00 1100
2
RX time-out
stale data in RX FIFO
00 0100
2
RHR interrupt
receive data ready (FIFO disable) or
RX FIFO above trigger level (FIFO enable)
00 0010
3
THR interrupt
transmit FIFO empty (FIFO disable) or
TX FIFO passes above trigger level (FIFO enable)
00 0000
4
modem status
change of state of modem input pins
11 0000
5
I/O pins
input pins change of state
01 0000
6
Xoff interrupt
receive Xoff character(s)/special character
10 0000
7
CTS, RTS
RTS pin or CTS pin change state from active (LOW)
to inactive (HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com