Electronic Components Datasheet Search
  English  ▼

X  

SC16IS752 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 6Page - NXP Semiconductors SC16IS752 Datasheet HTML 7Page - NXP Semiconductors SC16IS752 Datasheet HTML 8Page - NXP Semiconductors SC16IS752 Datasheet HTML 9Page - NXP Semiconductors SC16IS752 Datasheet HTML 10Page - NXP Semiconductors SC16IS752 Datasheet HTML 11Page - NXP Semiconductors SC16IS752 Datasheet HTML 12Page - NXP Semiconductors SC16IS752 Datasheet HTML 13Page - NXP Semiconductors SC16IS752 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
SC16IS752_SC16IS762
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 9 — 22 March 2012
10 of 60
NXP Semiconductors
SC16IS752; SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.2.2 Auto-CTS
Figure 6 shows CTS functional timing. The transmitter circuitry checks CTS before
sending the next data character. When CTS is active, the transmitter sends the next
character. To stop the transmitter from sending the following character, CTS must be
de-asserted before the middle of the last stop bit that is currently being sent. The
Auto-CTS function reduces interrupts to the host system. When flow control is enabled,
CTS level changes do not trigger host interrupts because the device automatically
controls its own transmitter. Without Auto-CTS, the transmitter sends any data present in
the transmit FIFO and a receiver overrun error may result.
7.3 Software flow control
Software flow control is enabled through the Enhanced Features Register and the Modem
Control Register. Different combinations of software flow control can be enabled by setting
different combinations of EFR[3:0]. Table 3 shows software flow control options.
(1) When CTS is LOW, the transmitter keeps sending serial data out.
(2) When CTS goes HIGH before the middle of the last stop bit of the current character, the transmitter finishes sending the current
character, but it does not send the next character.
(3) When CTS goes from HIGH to LOW, the transmitter begins sending data again.
Fig 6.
CTS functional timing
start
bit 0 to bit 7
stop
TX
CTS
002aab041
start
stop
bit 0 to bit 7
Table 3.
Software flow control options (EFR[3:0])
EFR[3]
EFR[2]
EFR[1]
EFR[0]
TX, RX software flow control
0
0
X
X
no transmit flow control
1
0
X
X
transmit Xon1, Xoff1
0
1
X
X
transmit Xon2, Xoff2
1
1
X
X
transmit Xon1 and Xon2, Xoff1 and Xoff2
X
X
0
0
no receive flow control
X
X
1
0
receiver compares Xon1, Xoff1
X
X
0
1
receiver compares Xon2, Xoff2
1011
transmit Xon1, Xoff1
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
0111
transmit Xon2, Xoff2
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
1111
transmit Xon1 and Xon2, Xoff1 and Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0011
no transmit flow control
receiver compares Xon1 and Xon2, Xoff1 and Xoff2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com