Electronic Components Datasheet Search
  English  ▼

X  

SC16IS752 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16IS752 Datasheet HTML 1Page - NXP Semiconductors SC16IS752 Datasheet HTML 2Page - NXP Semiconductors SC16IS752 Datasheet HTML 3Page - NXP Semiconductors SC16IS752 Datasheet HTML 4Page - NXP Semiconductors SC16IS752 Datasheet HTML 5Page - NXP Semiconductors SC16IS752 Datasheet HTML 6Page - NXP Semiconductors SC16IS752 Datasheet HTML 7Page - NXP Semiconductors SC16IS752 Datasheet HTML 8Page - NXP Semiconductors SC16IS752 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
SC16IS752_SC16IS762
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 9 — 22 March 2012
4 of 60
NXP Semiconductors
SC16IS752; SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
5.
Block diagram
a. I2C-bus interface
b. SPI interface
Fig 1.
Block diagram of SC16IS752/SC16IS762
SC16IS752/
SC16IS762
16C450
COMPATIBLE
REGISTER
SETS
002aab207
VSS
VDD
I2C-BUS
TXB
RXB
RTSB
GPIO
REGISTER
CTSB
XTAL1
XTAL2
SDA
SCL
A0
IRQ
I2C/SPI
RESET
GPIO7/RIA
GPIO6/CDA
GPIO5/DTRA
GPIO4/DSRA
GPIO3/RIB
GPIO2/CDB
GPIO1/DTRB
GPIO0/DSRB
TXA
RXA
RTSA
CTSA
A1
VDD
VDD
1 k
Ω (3.3 V)
1.5 k
Ω (2.5 V)
SC16IS752/
SC16IS762
16C450
COMPATIBLE
REGISTER
SETS
002aab598
VSS
VDD
SPI
TXB
RXB
RTSB
GPIO
REGISTER
CTSB
XTAL1
XTAL2
SCLK
I2C/SPI
RESET
GPIO7/RIA
GPIO6/CDA
GPIO5/DTRA
GPIO4/DSRA
GPIO3/RIB
GPIO2/CDB
GPIO1/DTRB
GPIO0/DSRB
TXA
RXA
RTSA
CTSA
SO
CS
SI
IRQ
VDD
1 k
Ω (3.3 V)
1.5 k
Ω (2.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com