Electronic Components Datasheet Search
  English  ▼

X  

AVM1504D Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # AVM1504D
Description  single-chip 3 channels timbre generator that can synthesize
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVM1504D Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

  AVM1504D Datasheet HTML 1Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 2Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 3Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 4Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 5Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 6Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 7Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 8Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AVM1504D
Rev 1.2
2002/11/6
8
BONDING DIAGRAM:
AVM1504D
Pad No.
Name
X
Y
1
Vdd
-751.0
-686.75
2
OSC
-516.9
-695.55
3
TEST
-309.9
-695.55
4
TG1
-102.9
-695.55
5
AUDIO
324.5
-695.55
6
STS1
531.5
-695.55
7
GND
758.9
-686.75
Substrate must be connected to GND.
Chip Size: 1070um x 1060um
Pad Size: 80um x 80um
NOTE: All data and specifications are subject to change without notice.
1
2
3
4
5
6
7
APPLICATION CIRCUIT:
A> SEQUENTIAL, LED DRIVING.
B> SNOOZE FUNCTION, POWER-ON TYPE
NOTE : Rosc=300K ohm , T=ß 100 TRANSISTOR , R1=1K NEED ( ONLY WHEN WISH TO LOWER THE POWER CONSUMPTION).
SPK=8 ohm SPEAKER ( ALL ARE TYPICAL ).
VDD
GND
LED
Rosc
OSC
R1
SPK
T
STS1
AUDIO
TG1
A1
VDD
GND
LED
Rosc
OSC
R1
SPK
T
STS1
AUDIO
TG1
S2
●
S1
(timer switch)
(normal on switch)
APPLICATION CIRCUIT:
A> SEQUENTIAL, LED DRIVING.
B> SNOOZE FUNCTION, POWER-ON TYPE
NOTE : Rosc=300K ohm , T=ß 100 TRANSISTOR , R1=1K NEED ( ONLY WHEN WISH TO LOWER THE POWER CONSUMPTION).
SPK=8 ohm SPEAKER ( ALL ARE TYPICAL ).
VDD
GND
LED
Rosc
OSC
R1
SPK
T
STS1
AUDIO
TG1
A1
VDD
GND
LED
Rosc
OSC
R1
SPK
T
STS1
AUDIO
TG1
S2
●
S1
(timer switch)
(normal on switch)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com