Electronic Components Datasheet Search
  English  ▼

X  

AVM1504D Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AVM1504D
Description  single-chip 3 channels timbre generator that can synthesize
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVM1504D Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  AVM1504D Datasheet HTML 1Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 2Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 3Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 4Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 5Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 6Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 7Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 8Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AVM1504D
Rev 1.2
2002/11/6
5
ABSOLUTE MAXIMUM RATING:
Symbol
Rating
Unit
Vdd~Vss
-0.5 ~ +7.0
V
Vin
Vss-0.3 < Vin < Vdd+0.3
V
Vout
GND < Vout < Vdd
V
Top (operating)
0 ~ +70
Tst (storage)
-25 ~ +85
DC CHARACTERISTICS:
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
Vdd
Operating voltage
2.4
3
6
V
Isb
Standby
0.1
Iop
Supply current
Operating
200
uA
Vdd=3V, I/O open
(with Rosc)
Iih
5
Iil
TG1 input current
in Sequential mode
0
uA
Vdd=3V
Iaudio
Current output (AUDIO)
(full scale)
-3.2
-4.0
-6.0
mA
Vdd=3V, Vop=0.7V
current level=8
Ioh
-0.7
Vdd=3V, Vop=0V
Iol
STS1 output current
10
mA
Vdd=3V, Vop=3V
dF/F
Frequency stability
-5
5
%
Fosc(3v)-Fosc(2.4v)
Fosc(3v)
dF/F
Fosc lot variation
-10
10
%
Vdd=3V, Rosc=300K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com