Electronic Components Datasheet Search
  English  ▼

X  

AVM1504D Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # AVM1504D
Description  single-chip 3 channels timbre generator that can synthesize
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVM1504D Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  AVM1504D Datasheet HTML 1Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 2Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 3Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 4Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 5Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 6Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 7Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 8Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AVM1504D
Rev 1.2
2002/11/6
4
Dynamic means LED will flash depending on voice signal.
For each sub-table, the STS1 could be programmed within sub_table as active or inactive.
The pulse width of stop pulse: 15ms--45ms (40ms at playback speed 6KHz).
NOTE: the 3Hz and 6Hz depend on the ratio of current playback speed (5.3Hz to 16KHz).
the stop pulse width depends on the ratio of final playback speed.
8. The internal stop pulse feedback mask options are offered.
9. Snooze Function description:
1. Snooze Function use 2 sub_tables:
1st stores Ringing voice or melody (alarm sound), playing when time's up.
2nd stores [greeting sound +] snooze time.
2. Please refer to timing diagram 6.
BLOCK DIAGRAM:
PAD DESCRIPTION:
Pad Name
Pad No.
ATTR.
Function
Vdd
1
Power
Positive power supply.
OSC
2
I
Oscillator input (300K ohm connect to Vdd).
TEST
3
I
Test pad for production testing.
TG1
4
I
Trigger input, internal pull low (high active).
AUDIO
5
O
Current output for driving speaker.
STS1
6
O
Status output for Busy, LED or Stop pulse.
GND
7
Power
Negative power supply.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com