Electronic Components Datasheet Search
  English  ▼

X  

AVM1504D Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # AVM1504D
Description  single-chip 3 channels timbre generator that can synthesize
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVM1504D Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  AVM1504D Datasheet HTML 1Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 2Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 3Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 4Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 5Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 6Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 7Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 8Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AVM1504D
Rev 1.2
2002/11/6
3
GENERAL DESCRIPTION:
The
AVM1504D is single-chip 3 channels timbre generator that can synthesize (2 ch. melody and/or 1 ch. voice). It is
designed by instruction-based synthesizing method. Total has 504 instruction steps. Total voice is up to 1.5 seconds using
APLUS qualified coding algorithm(LOGPCM). Customer speech data will be edited and programmed into ROM by changing
one mask during the device fabrication.
FEATURES:
1. Single power supply can operate from 2.4V through 6V.
2. With following audio output combination.
A> voice only: all D/A are occupied by voice(VOICE MODE).
B> All 3 channel could play out with arbitrary combination; each melody channel occupy 1/4 of D/A, voice channel occupy 1/2
of D/A (SYMPHONY MODE)
3. The total voice duration is about 1.5 seconds could be partitioned up to 4 voice sections.
4. Voice+mute length could up to 2.7 seconds (6k sampling rate) for each voice section.
5. One 504 instruction steps table, could be partitioned up to 4 sub_tables in SEQUENTIAL mode.
With programmable instructions, Tempo, pitch, playback speed, rhythm, voice section, even STS ON/OFF can be
programmable changed anywhere during synthesizing.
Melody pitch: --3 to ++5 & rest node, include half node. Total has 53 tones.
Voice melody playback pitch: -6# to +4, include half node. Total has 20 tones.
Voice playback speed: 5.35 to 16k Hz. Total has 20 playback speeds.
Voice playback speed (Hz): 5.35 5.66 6.00 6.36 6.73 7.14 7.56 8.01 8.49 9.08 9.53 10.10 10.70 11.33 12.00 12.72 13.47 14.28 15.27 16.0
Voice playback pitch: -6# -7
1
1#
2
2#
3
4
4#
5
5#
6
6#
7 +1
+1#
+2
+2# +3
+4
Melody Tempo: 82 88 95 103 112 123 137 154 176 205 246 beats/minute
Total has 11 different tempo.
Rhythm difference: 1/8 1/4 3/8 1/2 5/8 3/4 1 1-1/4 1-1/2 2 2-1/2 3 3-1/2 4 0 beat
Total has 15 different rhythm
6. Only one trigger TG1 is used as SEQUENTIAL mode with resistive type Schmitt input (270K--1M) for CDS interface.
SEQUENTIAL: if the input was triggered sequentially, the device will response by one sub_table of voice step sequentially
and cyclically, from sub_table 1 to user defined sub_table n (n=1 to 4).
Debounce time: depend on current playback speed (5.3Hz to 16Hz), or trigger during standby.
the dependent speed is 7.6k.
long --- 4.2 ms to 12.5 ms
short --- 150 us to 430 us
In this mode, TG1 could be assigned as different trigger type with following options:
EDGEL/LEVEL, HOLD/UNHOLD, RETRIGGER/IRRETRIGGER.
Because only 1 trigger, it has NO option RESET/UNRESET. So playing sequence will always be sub_table 1 to sub_table n
and then feedback to sub_table 1 cyclically.
7. Only one status output (STS1) has following mask options:
□
STS1:
a>stop high_pulse
b>stop low_pulse
c>busy high_active
d>busy low_active
e>led 6Hz
f>led 3Hz
g>voice dynamic 2/4
h>melody ch1 on at first 1/4 or 1/8 beat, when pure voice, voice dynamic 2/4
i>melody ch2 on at first 1/4 or 1/8 beat, when pure voice, voice dynamic 2/4
j>both melody ch1 & ch2 on at first 1/4 or 1/8 beat, when pure voice, voice dynamic 2/4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com