Electronic Components Datasheet Search
  English  ▼

X  

AVH308 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # AVH308
Description  single-chip voice synthesizing CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVH308 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  AVH308 Datasheet HTML 1Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 2Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 3Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 4Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 5Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 6Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 7Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 8Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AVxx08 Series
Rev 1.3
2003/9/18
2
(C). Busy_Low active : low active signal output during playing.
(D). LED 3Hz flash : 3Hz sink signal output for driving LED during playing at 6kHz sample rate.
(E). LED 6Hz flash : 6Hz sink signal output for driving LED during playing at 6kHz sample rate.
(F). LED dynamic 2/4 : dynamic sink signal output for driving LED during playing.
※ Where (D) and (E) is the LED flash rate at 6kHz sample rate. For different sample rate, the LED flash
rate is different from original 3Hz or 6Hz.
(9). PWM1 and PWM2 can directly drive buzzer or 8, 16, 32 or 64 ohms speaker.
(10). The voice_section length of “voice length + mute length” must be the multiple of 80Hex
(AVH308 ) or
100Hex (
AV0708 , AV1408 , AV2108).
(11). In voice_section sequence arrangement (00~07), If there are some voice_sections with only mute and
without voice, they should be put next to the last voice_section with voice. Besides, that is not allowed to
put a pure mute voice_section between 2 voice_sections with voice, or put the pure mute voice_section
on first place (00).
(12). Oscillator selection:
(A). External oscillator: Connect OSC pin to Vdd with a resistor, Rosc.
(B). Internal oscillator: Connect OSC pin to GND. (Not suggested because of frequency shift and system
stability)
※Input Type Description:
Option
Description
CDS + 1M
Normal selection for button trigger.
Only 1M pull-low resistance when key-pressed, and 1M+300K(parallel) pull-low resistance
when key-released.
CDS
Internal 300K ohms pull-low resistance, usually for photo-resistor trigger.
1M pull-low
Internal 1M ohms pull-low resistance, reserve for some special applications.
10M pull-low Internal 10M ohms weak pull-low, usually for touching trigger.
Floating
No internal resistor connection, usually connected to other output pin or connected to GND
by an external resistor.
* 10M pull-low option is not available for IO1 input.
10M
Pull-Low
1M
Pull-Low
300K
Latch
Trigger
PAD
Buffer
10M
Pull-Low
1M
Pull-Low
300K
Latch
Trigger
PAD
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com