Electronic Components Datasheet Search
  English  ▼

X  

AVH308 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AVH308
Description  single-chip voice synthesizing CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVH308 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AVH308 Datasheet HTML 2Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 3Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 4Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 5Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 6Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 7Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 8Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 9Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AVxx08 Series
Rev 1.3
2003/9/18
5
3. BLOCK DIAGRAM:
4. PAD DESCRIPTION:
Pad Name
Pad No.
ATTR.
Function
IO1
1
I/O
Status output or input for trigger.
TG
2
I
Input for trigger.
GND1, 2
3, 7
Power
Negative power supply.
PWM1
4
O
Audio output.
Vdd
5
Power
Positive power supply.
PWM2
6
O
Audio output.
OSC
8
I
Oscillator input. For using internal oscillator, connect OSC to GND.
5. CODE DEVELOPMENT & DEMO SYSTEM:
User can use “EzSpeech“ software tool to develop the desired functions. For details, please see EzSpeech
user manual. After finishing the code programming, user will get 2 files of “.bin” and “.htm”, the binary file
and function check list. User can download the “.bin” file into 4EA_DB demo board to demonstrate the
AVxx08 function. The related mapping of 4EA_DB is as below,
AVxx08
4EA_DB
4EA_DB
Description
TG
PRA0
PRA0 performs TG input.
IO1 as Input
PRA1
PRA1 performs IO1 input mode.
IO1 as Output
PRB0
PRB0 performs IO1 output mode.
PWM1, PWM2
PWM1, PWM2
PWM output to directly drive speaker.
I/O Pin
OSC
OSC1
OSC1 connect 150K ohms resistor to Vdd.
For some input type option, user may need to connect an external resistor. Please refer to the table below,
AVxx08
4EA_DB
4EA_DB
Description
CDS + 1M
CDS + 1M
The same.
CDS
CDS + 1M
Almost the same.
1M pull-low
Floating
Need to connect 1M external resistor to GND.
10M pull-low
Floating
Need to connect 10M external resistor to GND.
Input
Type
Floating
Floating
The same.
Once the function has been approved, user only need to send the “.bin” file to Aplus for code tape-out.
VOICE
ROM
TIMING
GENERATOR
C
O
N
T
R
O
L
L
O
G
I
C
TG
IO1
CLOCK
GENETATOR
4-bit LOG_PCM
DECODER
OUTPUT
BUFFER
P
W
M
1
P
W
M
2
OSC
VOICE
ROM
TIMING
GENERATOR
C
O
N
T
R
O
L
L
O
G
I
C
TG
IO1
CLOCK
GENETATOR
4-bit LOG_PCM
DECODER
OUTPUT
BUFFER
P
W
M
1
P
W
M
2
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com