Electronic Components Datasheet Search
  English  ▼

X  

AVH308 Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # AVH308
Description  single-chip voice synthesizing CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVH308 Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

Back Button AVH308 Datasheet HTML 2Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 3Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 4Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 5Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 6Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 7Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 8Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 9Page - Aplus Intergrated Circuits AVH308 Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AVxx08 Series
Rev 1.3
2003/9/18
6
6. ABSOLUTE MAXIMUM RATING:
Symbol
Rating
Unit
Vdd~Vss
-0.5 ~ +7.0
V
Vin
Vss-0.3 < Vin < Vdd+0.3
V
Vout
GND < Vout < Vdd
V
Top (operating)
0 ~ +70
ºC
Tst (storage)
-25 ~ +85
ºC
7. DC CHARACTERISTICS:
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
Vdd
Operating voltage
2.4
3.0
6.4
V
Isb
Standby
1
Iop
Supply current
Operating
200
uA
Vdd=3V, I/O open
(with Rosc or OSC grounded)
Iih
3
Iil
Input current: TG, IO1
( 1M pull low )
0
uA
Vdd=3V
Iih
0.3
Iil
Input current: TG
( 10M pull low )
0
uA
Vdd=3V
Iih
10
Iil
Input current: TG & IO1
(CDS)
0
uA
Vdd=3V
Ioh
-30
Vdd=3V, Vop=2.4V
Iol
PWM1, PWM2 output current
30
mA
Vdd=3V, Vop=0.6V
Ioh
-4.5
Vdd=3V, Vop=2.55V
Iol
IO1 output current
7.5
mA
Vdd=3V, Vop=0.75V
dF/F
Frequency stability
-5
5
%
Fosc(3v)-Fosc(2.4v)
Fosc(3v)
dF/F
Fosc lot variation
-10
10
%
Vdd=3V, Rosc=220KΩ
8. Frequency vs. External Rosc :
50
100
150
200
250
300
350
400
0
5
10
15
20
25
Rosc (K Ohm)
50
100
150
200
250
300
350
400
0
5
10
15
20
25
Rosc (K Ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com