Electronic Components Datasheet Search
  English  ▼

X  

MPC8347ECVRADFB Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
22
Freescale Semiconductor
DUART
Figure 7 shows the DDR SDRAM output timing diagram.
Figure 7. DDR SDRAM Output Timing Diagram
Figure 8 provides the AC test load for the DDR bus.
Figure 8. DDR AC Test Load
7DUART
This section describes the DC and AC electrical specifications for the DUART interface of the
MPC8347EA.
7.1
DUART DC Electrical Characteristics
Table 21 provides the DC electrical characteristics for the DUART interface of the MPC8347EA.
Table 21. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (0.8 V
≤ V
IN ≤ 2 V)
IIN
—±5
μA
ADDR/CMD/MODT
tDDKHMH
tDDKLDS
tDDKHDS
MDQ[x]
MDQS[n]
MCK[n]
MCK[n]
tMCK
tDDKLDX
tDDKHDX
D1
D0
tDDKHAX,tDDKHCX
Write A0
NOOP
tDDKHMP
tDDKHAS,tDDKHCS
tDDKHME
Output
Z0 = 50 Ω
RL = 50 Ω
GVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com