Electronic Components Datasheet Search
  English  ▼

X  

MPC8347ECVRADFB Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
9
Electrical Characteristics
Figure 3 shows the undershoot and overshoot voltage of the PCI interface of the MPC8347EA for the
3.3-V signals, respectively.
Figure 3. Maximum AC Waveforms on PCI Interface for 3.3-V Signaling
2.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
2.2
Power Sequencing
This section details the power sequencing considerations for the MPC8347EA.
2.2.1
Power-Up Sequencing
MPC8347EAdoes not require the core supply voltage (VDD and AVDD) and I/O supply voltages (GVDD,
LVDD, and OVDD) to be applied in any particular order. During the power ramp up, before the power
Table 3. Output Drive Capability
Driver Type
Output Impedance
(
Ω)
Supply
Voltage
Local bus interface utilities signals
40
OVDD = 3.3 V
PCI signals (not including PCI output clocks)
25
PCI output clocks (including PCI_SYNC_OUT)
40
DDR signal
18
GVDD = 2.5 V
DDR2 signal
18
36 (half-strength mode)
GVDD = 1.8 V
TSEC/10/100 signals
40
LVDD = 2.5/3.3 V
DUART, system control, I2C, JTAG, USB
40
OVDD = 3.3 V
GPIO signals
40
OVDD = 3.3 V,
LVDD = 2.5/3.3 V
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+7.1 V
7.1 V p-to-p
(Min)
4 ns
(Max)
–3.5 V
7.1 V p-to-p
(Min)
62.5 ns
+3.6 V
0 V
4 ns
(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com