Electronic Components Datasheet Search
  English  ▼

X  

MPC8347ECVRADFB Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
13
Clock Input Timing
4
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the device.
4.1
DC Electrical Characteristics
Table 6 provides the clock input (CLKIN/PCI_SYNC_IN) DC timing specifications for the MPC8347EA.
4.2
AC Electrical Characteristics
The primary clock source for the MPC8347EA can be one of two inputs, CLKIN or PCI_CLK, depending
on whether the device is configured in PCI host or PCI agent mode. Table 7 provides the clock input
(CLKIN/PCI_CLK) AC timing specifications for the device.
Table 6. CLKIN DC Timing Specifications
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.7
OVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.4
V
CLKIN input current
0 V
≤ V
IN ≤ OVDD
IIN
—
±10
μA
PCI_SYNC_IN input current
0 V
≤ V
IN ≤ 0.5 V or
OVDD –0.5 V ≤ VIN ≤ OVDD
IIN
—
±10
μA
PCI_SYNC_IN input current
0.5 V
≤V
IN ≤ OVDD – 0.5 V
IIN
—
±50
μA
Table 7. CLKIN AC
Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
CLKIN/PCI_CLK frequency
fCLKIN
——
66
MHz
1, 6
CLKIN/PCI_CLK cycle time
tCLKIN
15
—
—
ns
—
CLKIN/PCI_CLK rise and fall time
tKH, tKL
0.6
1.0
2.3
ns
2
CLKIN/PCI_CLK duty cycle
tKHK/tCLKIN
40
—
60
%
3
CLKIN/PCI_CLK jitter
—
—
—
±150
ps
4, 5
Notes:
1. Caution: The system, core, USB, security, and TSEC must not exceed their respective maximum or minimum operating
frequencies.
2. Rise and fall times for CLKIN/PCI_CLK are measured at 0.4 and 2.7 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The CLKIN/PCI_CLK driver’s closed loop jitter bandwidth should be < 500 kHz at –20 dB. The bandwidth must be set low to
allow cascade-connected PLL-based devices to track CLKIN drivers with the specified jitter.
6. Spread spectrum clocking is allowed with 1% input frequency down-spread at maximum 50 KHz modulation rate regardless
of input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com