Electronic Components Datasheet Search
  English  ▼

X  

MPC8347ECVRADFB Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
14
Freescale Semiconductor
RESET Initialization
4.3
TSEC Gigabit Reference Clock Timing
Table 8 provides the TSEC gigabit reference clocks (EC_GTX_CLK125) AC timing specifications.
5
RESET Initialization
This section describes the DC and AC electrical specifications for the reset initialization timing and
electrical requirements of the MPC8347EA.
5.1
RESET DC Electrical Characteristics
Table 9 provides the DC electrical characteristics for the RESET pins of the MPC8347EA.
Table 8. EC_GTX_CLK125 AC Timing Specifications
At recommended operating conditions with LVDD = 2.5 ± 0.125 mV/ 3.3 V ± 165 mV
Parameter
Symbol
Min
Typical
Max
Unit
Notes
EC_GTX_CLK125 frequency
tG125
—125
—
MHz
—
EC_GTX_CLK125 cycle time
tG125
—8
—
ns
—
EC_GTX_CLK125 rise and fall time
LVDD = 2.5 V
LVDD = 3.3 V
tG125R/tG125F
——
0.75
1.0
ns
1
EC_GTX_CLK125 duty cycle
GMII, TBI
1000Base-T for RGMII, RTBI
tG125H/tG125
45
47
—
55
53
%2
EC_GTX_CLK125 jitter
—
—
—
±150
ps
2
Notes:
1. Rise and fall times for EC_GTX_CLK125 are measured from 0.5 and 2.0 V for LVDD = 2.5 V and from 0.6 and 2.7 V for
LVDD =3.3 V.
2. EC_GTX_CLK125 is used to generate the GTX clock for the eTSEC transmitter with 2% degradation. The EC_GTX_CLK125
duty cycle can be loosened from 47%/53% as long as the PHY device can tolerate the duty cycle generated by the eTSEC
GTX_CLK. See Section 8.2.4, “RGMII and RTBI AC Timing Specifications for the duty cycle for 10Base-T and 100Base-T
reference clock.
Table 9. RESET Pins DC Electrical Characteristics1
Parameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
——
±5
μA
Output high voltage2
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com