Electronic Components Datasheet Search
  English  ▼

X  

06019 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 06019
Description  CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

06019 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  06019 Datasheet HTML 1Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 2Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 3Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 4Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 5Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 6Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 7Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 8Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DEFENSE SUPPLY CENTER, COLUMBUS
COLUMBUS, OHIO
SIZE
A
CODE IDENT NO.
037Z3
DWG NO.
06019
REV
PAGE
2
1. SCOPE
1.1 Scope. This drawing and MIL-PRF-123 describe the requirements for high frequency ceramic chip capacitors.
1.2 Part or Identifying Number (PIN) The complete PIN is as follows:
06019
BP
102
B
J
Z
Drawing
number
Dielectric
(see 1.2.1)
Capacitance
value
(see 1.2.2)
Voltage
(see 1.2.3)
Capacitance
tolerance
(see 1.2.4)
Termination
finish
(see 1.2.5)
1.2.1 Dielectric. The dielectric type is identified by the following 2 letters as defined in 3.3.1: BP or BG.
1.2.2 Capacitance value. The nominal capacitance value, expressed in picofarads (pF) is identified by a three digit number; the first
two digits represent significant figures and the last digit specifies the number of zeros to follow. When the nominal value is less than
10 pF, the letter “R” is used to indicate the decimal point and the succeeding digit(s) of the group represent significant figure(s). 1R0
indicates 1.0 pF; R75 indicates .75 pF; and 0R5 indicates 0.5 pF. See table IV for values.
1.2.3 Voltage. The rated voltage for continuous operation at +125
°C is identified by a single letter as shown in table I.
TABLE I. Rated voltage.
Symbol
Rated voltage (volts, dc)
A
50
K
150
1.2.4 Capacitance tolerance. The capacitance tolerance is identified by a single letter in accordance with table II.
TABLE II. Capacitance tolerance.
Symbol
Capacitance tolerance
B
.10 pF
C
.25 pF
D
.50 pF
F
±1 percent
G
±2 percent
J
±5 percent
K
±10 percent
M
±20 percent



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com