Electronic Components Datasheet Search
  English  ▼

X  

06019 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 06019
Description  CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

06019 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  06019 Datasheet HTML 1Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 2Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 3Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 4Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 5Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 6Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 7Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 8Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DEFENSE SUPPLY CENTER, COLUMBUS
COLUMBUS, OHIO
SIZE
A
CODE IDENT NO.
037Z3
DWG NO.
06019
REV
PAGE
9
6. NOTES
(This section contains information of a general or explanatory nature that may be helpful, but is not mandatory.)
6.1 Intended use. This drawing covers high frequency capacitors that are primarily intended for use in resonant circuits with high Q
factor and stability of capacitance with respect to temperature (-55
°C to +125°C), frequency, and life. The capacitors covered by this
drawing are intended for use in high reliability applications. Capacitors conforming to this drawing are intended for use when military
specifications do not exist and qualified military devices that will perform the required function are not available for OEM application. This
drawing is intended exclusively to prevent the proliferation of unnecessary duplicate specifications, drawings, and stock catalog listings.
When a military specification exists and the product covered by this drawing has been qualified for listing, this drawing becomes obsolete
and will not be used for new design.
6.2 Ordering data. The contract or purchase order should specify the following:
a. Complete PIN (see 1.2).
b. Requirements for notification of change of product to acquiring activity, if applicable.
c. Requirements for packaging and packing.
6.3 Replaceability. Capacitors covered by this drawing will replace the same commercial device covered by a contractor-prepared
specification or drawing.
6.4 Users of record. Coordination of this document for future revisions is coordinated only with the approved sources of supply and
the users of record of this document. Requests to be added as a recorded user of this drawing should be in writing to: Defense
Supply Center, Columbus (DSCC), ATTN: DSCC-VAT, Post Office Box 3990, Columbus, OH 43218-3990, by e-mail to
capacitorfilter@dla.mil, or by telephone (614) 692-0562 or DSN 850-0562.
6.5 Approved sources of supply. Approved sources of supply are listed herein. Additional sources will be added as they become
available. For assistance in the use of this drawing, contact Defense Supply Center, Columbus, ATTN: DSCC-VAT, Post Office Box
3990, Columbus, OH 43218-3990, by e-mail to capacitorfilter@dla.mil, or by telephone (614) 692-0562 or DSN 850-0562.
Vendor CAGE
Vendor name and address
Vendor designation 1/
29990
American Technical Ceramics
100A (BG)
One Norden Lane
700A (BP)
Huntington Station, NY 11746-2142
04222
AVX Ceramics Corp.
AQ12******H***
P.O. Box 867
801 17
th Avenue South
Myrtle Beach, SC 29577-0867
1/ Parts must be purchased to the DSCC PIN to assure that all performance requirements and tests are met.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com