Electronic Components Datasheet Search
  English  ▼

X  

06019 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 06019
Description  CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

06019 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  06019 Datasheet HTML 1Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 2Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 3Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 4Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 5Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 6Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 7Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 8Page - List of Unclassifed Manufacturers 06019 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DEFENSE SUPPLY CENTER, COLUMBUS
COLUMBUS, OHIO
SIZE
A
CODE IDENT NO.
037Z3
DWG NO.
06019
REV
PAGE
5
3. REQUIREMENTS
3.1 Item requirements. The individual item requirements shall be in accordance with MIL-PRF-123 including those for deliverables
data, production lot definition, and traceability, and as specified herein. These capacitors shall be capable of meeting all design,
electrical, environmental, and mechanical requirements of MIL-PRF-123, unless otherwise stated.
3.2 Interface and physical dimensions. The interface and physical dimensions shall be as specified in MIL-PRF-123 and herein (see
figure 1).
3.2.1 Tin plated finishes. Tin plating is prohibited as a final finish or as an undercoat. Tin-lead (Sn-Pb) finishes are acceptable
provided that the minimum lead content is 4 percent.
3.3 Electrical characteristics.
3.3.1 Dielectric type. The dielectric type shall be BG (90
±20ppm/°C), or BP (0 ±30 ppm/°C) ceramic in accordance with
MIL-PRF-123.
Symbol
Capacitance change with reference to +25
°C
Step A through step D of
MIL-PRF-123 table XVIII
Percent rated
voltage
Step E through step G of
MIL-PRF-123 table XVIII
BG
90
± 20 ppm/°C
100
90
± 20 ppm/°C
BP
0
± 30 ppm/°C
100
0
± 30 ppm/°C
3.3.2 Capacitance. Capacitance shall be in accordance with table IV when measured in accordance with method 305 of MIL-STD-202.
The following conditions shall apply:
≤ 1,000 pF
1 MHz
± 50 kHz
1 V rms
± .2 V rms
> 1,000 pF
1 kHz
± 50 Hz
1 V rms
± .2 V rms
3.3.3 Dissipation factor (+25
°C). The dissipation factor shall be as follows:
BP
BG
All capacitance values:
≤ 0.15%
All capacitance values:
≤ 0.05%
3.3.4 Insulation resistance. At +25
°C: 106 megohms, minimum
At +125
°C: 105 megohms, minimum
3.3.5 Equivalent series resistance. In accordance with MIL-PRF-55681.
3.3.6 Series Resonance. In accordance with MIL-PRF-55681.
3.4 Marking. Marking shall be as specified in MIL-PRF-123. In addition, these capacitors shall be marked with a contrasting color dot
placed on the side of the capacitor to indicate the vertical plate orientation to that side. When laser marked, the marking shall be on the
surface which is parallel to the plane of the embedded electrodes (this is the larger area which is normally the imprint area). If the
capacitor is so marked, the vertical plane orientation is defined; therefore the contrasting color dot on the capacitor to indicate vertical plate
orientation to that side is optional. Packaging shall be marked as specified in MIL-PRF-123 except the PIN shall be as specified in 1.2 and
the “JAN” brand is not applicable.
3.5 Manufacturer eligibility. To be eligible for listing as an approved source of supply, a manufacturer shall be listed on the
MIL-PRF-55681/4 Qualified Products List for “S” failure rate level.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com