Electronic Components Datasheet Search
  English  ▼

X  

ATC800B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC800B
Description  RoHS Compliant / Lead-Free
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC800B Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
ATC 800 B Capacitance Values
VRMS = 0.707 X WVDC
• SPECIAL VALUES, TOLERANCES, HIGHER WVDC AND MATCHING AVAILABLE. PLEASE CONSULT FACTORY.
CAP.
CAP.
RATED
CAP.
CAP.
RATED
CAP.
CAP.
RATED
CAP.
CAP.
RATED
CODE
(pF)
TOL.
WVDC
CODE
(pF)
TOL.
WVDC
CODE
(pF)
TOL.
WVDC
CODE
(pF)
TOL.
WVDC
0R1
0.1
2R4
2.4
200
20
151
150
0R2
0.2
2R7
2.7
220
22
161
160
0R3
0.3
3R0
3.0
240
24
181
180
0R4
0.4
3R3
3.3
270
27
201
200
0R5
0.5
3R6
3.6
300
30
221
220
0R6
0.6
3R9
3.9
330
33
241
240
0R7
0.7
4R3
4.3
360
36
271
270
0R8
0.8
4R7
4.7
390
39
301
300
0R9
0.9
5R1
5.1
430
43
331
330
1R0
1.0
5R6
5.6
470
47
361
360
1R1
1.1
6R2
6.2
510
51
391
390
1R2
1.2
6R8
6.8
560
56
431
430
1R3
1.3
7R5
7.5
620
62
471
470
1R4
1.4
8R2
8.2
680
68
511
510
1R5
1.5
9R1
9.1
750
75
561
560
1R6
1.6
100
10
820
82
621
620
1R7
1.7
110
11
910
91
681
680
1R8
1.8
120
12
101
100
751
750
1R9
1.9
130
13
111
110
821
820
2R0
2.0
150
15
121
120
911
910
2R1
2.1
160
16
131
130
102
1000
2R2
2.2
180
18
B
B, C
B, C,
D
500
500
300
300
200
100
50
500
B, C,
D
B, C,
J, K,
M
F, G, J,
K, M
F, G,
J, K,
M
F, G,
J, K,
M
ATC PART NUMBER CODE
ATC800 B 91 0
J T
500 X
T
Series
Case Size
Capacitance Code:
First 2 significant digits for capacitance.
R=Decimal Point
Indicates number of zeros following digits
of capacitance in picofarads except for decimal values.
Capacitance Tolerance
Laser Marking
WVDC
Termination Code
Packaging
T - Tape & Reel: 500 and 1000 pc. qty. std.*
TV - Vertical Orientation of Product,
Tape & Reel: 500 and 1000 pc. qty. std.*
I - Special Packaging. Consult Factory.
*Consult ATC for other quantities
The above part number refers to a 800 B Series (case size B) 91 pF capacitor,
J tolerance (±5%), 500 WVDC, with T termination (Tin Plated over Nickel Barrier Termination, RoHS Compliant), laser marking and tape and reel packaging.
For additional information and catalogs contact your ATC
representative or call direct at (+1-631) 622-4700.
Consult factory for additional performance data.
ATC accepts orders for our parts using designations with or without the
“ATC” prefix. Both methods of defining the part number are equivalent,
i.e., part numbers referenced with the “ATC” prefix are interchangeable to
parts referenced without the “ATC” prefix. Customers are free to use either
in specifying or procuring parts from American Technical Ceramics.
CAPACITANCE TOLERANCE
Code
B
C
D
F
G
J
K
M
Tol. ±0.1 pF ±0.25 pF ±0.5 pF ±1% ±2% ±5% ±10% ±20%
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com