Electronic Components Datasheet Search
  English  ▼

X  

ATC800B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATC800B
Description  RoHS Compliant / Lead-Free
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATC800B Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ATC 800 B Series Data Sheet Test Condition Description
Capacitors vertically mounted in series microstrip configuration on 23.3-mil thick Rogers RO4350
® softboard, 52-mils wide 1/2 oz. Cu traces.
FSR = lowest frequency at which S11 response, referenced at capacitor edge, crosses real axis on Smith Chart.
FPR = lowest frequency at which there is a notch in S21 magnitude response.
ATC 800 B Performance Data
0.1
1.0
10.0
100.0
0
0
0
1
0
0
1
0
1
1
Fpr
Fsr
800 B FSR & FPR vs. Capacitance
Capacitance (pF)
0.01
0.10
1.00
0
0
0
0
1
0
0
0
1
0
0
1
Frequency (MHz)
(Typical)
800 B ESR vs. Frequency
1.0 pF
3.3 pF
10 pF
39 pF
100 pF
200 pF
1000 pF
4
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com