Electronic Components Datasheet Search
  English  ▼

X  

ATC800B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATC800B
Description  RoHS Compliant / Lead-Free
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATC800B Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ATC
TERM.
CODE
CASE SIZE
& TYPE
OUTLINES
W/T IS A
TERMINATION SURFACE
BODY DIMENSIONS
Inches (mm)
LENGTH
(L)
WIDTH
(W)
THICKNESS
(T)
OVERLAP
(Y)
MATERIAL
LEAD AND TERMINATION
DIMENSIONS AND MATERIALS
T
B
Solder Plate
.110
+.020 -.010
(2.79
+0.51 -0.25)
.110 ±.015
(2.79 ±0.38)
.070 (1.78)
max.
.015 (0.38)
±.010 (0.25)
RoHS Compliant
Tin Plated over
Nickel Barrier Termination
Tin / Lead Solder Plated over
Nickel Barrier Termination
L
T
W
Y
ATC
SERIES
& CASE
SIZE
800B
W
B
Solderable
Nickel Barrier
.110
+.020 -.010
(2.79
+0.51 -0.25)
.110 ±.015
(2.79 ±0.38)
.070 (1.78)
max.
.015 (0.38)
±.010 (0.25)
L
T
W
Y
800B
ATC 800 B Capacitors: Mechanical Configurations
ATC
TERM.
CODE
CASE SIZE
& TYPE
OUTLINES
W/T IS A
TERMINATION SURFACE
BODY DIMENSIONS
Inches (mm)
LENGTH
(L)
WIDTH
(W)
THICKNESS
(T)
OVERLAP
(Y)
MATERIAL
LEAD AND TERMINATION
DIMENSIONS AND MATERIALS
TN
.110
+.020 -.010
(2.79
+0.51 -0.25)
.110 ±.015
(2.79 ±0.38)
.070 (1.78)
max.
.015 (0.38)
±.010 (0.25)
RoHS Compliant
Tin Plated over
Non-Magnetic Barrier Termination
L
T
W
Y
ATC
SERIES
& CASE
SIZE
800B
B
Non-Mag
Solderable
Barrier
ATC 800 B Capacitors: Non-Magnetic Mechanical Configurations
Suggested Mounting Pad Dimensions
3
Cap Value Pad Size
A Min
B Min
C Min
D Min
All
Values
Normal
.090
(2.29)
.050 (1.27) .075 (1.91)
.175
(4.45)
High
Density
.070
(1.78)
.030
(.762)
.075 (1.91)
.135
(3.43)
Case B Vertical Mount
Cap Value Pad Size
A Min
B Min
C Min
D Min
All
Values
Normal
.130
(3.30)
.050 (1.27) .075 (1.91)
.175
(4.45)
High
Density
.110
(2.79)
.030
(.762)
.075 (1.91)
.135
(3.43)
Case B Horizontal Mount
inches (mm)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com