Electronic Components Datasheet Search
  English  ▼

X  

AS1123 Datasheet(PDF) 7 Page - ams AG

Part # AS1123
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123 Datasheet(HTML) 7 Page - ams AG

Back Button AS1123 Datasheet HTML 3Page - ams AG AS1123 Datasheet HTML 4Page - ams AG AS1123 Datasheet HTML 5Page - ams AG AS1123 Datasheet HTML 6Page - ams AG AS1123 Datasheet HTML 7Page - ams AG AS1123 Datasheet HTML 8Page - ams AG AS1123 Datasheet HTML 9Page - ams AG AS1123 Datasheet HTML 10Page - ams AG AS1123 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
6 - 24
AS1123
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VDD = +3.0V to +5.5V, TAMB = 25ºC (unless otherwise specified).
Figure 3. Output Current vs. Output Voltage
Figure 4. ICOC vs. Supply Voltage; REXT = 470
Ω
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
Output Voltage (V)
Iout = 40mA (470
Ω)
Iout = 4mA (4.7k
Ω)
Iout = 10mA (1.8k
Ω)
38
38.5
39
39.5
40
40.5
41
41.5
42
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
Supply Voltage (V)
Figure 5. ICOC vs. Temperature; REXT = 470
Ω
Figure 6. ICOC vs. Temperature; REXT = 1.8k
Ω
38
38.5
39
39.5
40
40.5
41
41.5
42
-40
-15
10
35
60
85
Temperature ( C)
8
8.5
9
9.5
10
10.5
11
11.5
12
-40
-15
10
35
60
85
Temperature ( C)
Figure 7. LED Error Detection Threshold vs. Supply Voltage
0
1
2
3
4
5
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
Supply Voltage (V)
Vthh - Level 1 (default)
Vthh - Level 2
Vthl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com