Electronic Components Datasheet Search
  English  ▼

X  

AS1123 Datasheet(PDF) 11 Page - ams AG

Part # AS1123
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123 Datasheet(HTML) 11 Page - ams AG

Back Button AS1123 Datasheet HTML 7Page - ams AG AS1123 Datasheet HTML 8Page - ams AG AS1123 Datasheet HTML 9Page - ams AG AS1123 Datasheet HTML 10Page - ams AG AS1123 Datasheet HTML 11Page - ams AG AS1123 Datasheet HTML 12Page - ams AG AS1123 Datasheet HTML 13Page - ams AG AS1123 Datasheet HTML 14Page - ams AG AS1123 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
10 - 24
AS1123
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 13. Switching Global Error Mode Timing Diagram
Error-Detection Mode
Acquisition of the error status occurs at the rising edge of OEN. Error-detection mode is started on the rising edge of LD when OEN is high. The
CLK signal must be low when entering error detection mode. Error detection for open- and shorted-LEDs can only be performed for LEDs that
are switched on during test time. To switch between error-detection modes clock pulses are needed (see Table 5).
Note:
To test all LEDs, a test pattern that turns on all LEDs must be input to the AS1123.
Global Error Mode
Global error mode is entered when error-detection mode is started. Clock pulses during this period are used to select between temperature,
open-LED, and shorted-LED tests, as well as low-current diagnostic mode and shutdown mode (see Table 5). In global error mode, an error flag
(TFLAG, OFLAG, SFLAG) is delivered to pin SDO if any errors are encountered.
Note:
For a valid result SDI must be 1 for the first device.
If there are multiple AS1123s in a chain, the error flag will be gated through all devices. To get a valid result at the end of the chain, a logic 1 must
be applied to the SDI input of the first device of the chain. If one device produces an error this error will show up after n*tP(I/O) + tSW(ERROR) at
pin SDO of the last device in the chain. This means it is not possible to identify which device in the chain produced the error. Therefore, if a global
error occurs, the detailed error report can be run to identify which AS1123, or LED produced the error.
Note:
When no error has occurred, the detailed error report can be skipped, setting LD and subsequently OEN low.
Table 5. Global Error Mode Selections
Clock
Pulses
Output Port
Error-Detection Mode
Global Error Flag/Shutdown Condition
0
Don't Care
Over-Temperature Detection
TFLAG = SDO = 1: No over-temperature warning.
TFLAG = SDO = 0: Over-temperature warning.
1
Enabled
Open-LED Detection
OFLAG = SDO = 1: No open-LED error.
OFLAG = SDO = 0: Open-LED error.
2
Enabled
Shorted-LED Detection
SFLAG = SDO = 1: No shorted-LED error.
SFLAG = SDO = 0: Shorted-LED error.
3
Don't Care
Low-Current Diagnostic Mode
4
Don't Care
VTHH Level
SDI = 1: Level1, VTHH set to 54% VDD (default)
SDI = 0: Level2, VTHH set to 80% VDD
tTESTING
tSU(ERROR)
OFLAG(IN)
SFLAG(IN)
TFLAG(IN)
TFLAG
OFLAG
SFLAG
tSW(ERROR)
SDI
OEN
LD
CLK
SDO
Don’t
Care
Don’t
Care
tGSW(ERROR)
tP(I/O)
tP4
tP(I/O)
tP(I/O)
tSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)
Don’t
Care
Acquisition of
Error Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com