Electronic Components Datasheet Search
  English  ▼

X  

AS1123 Datasheet(PDF) 4 Page - ams AG

Part # AS1123
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123 Datasheet(HTML) 4 Page - ams AG

  AS1123 Datasheet HTML 1Page - ams AG AS1123 Datasheet HTML 2Page - ams AG AS1123 Datasheet HTML 3Page - ams AG AS1123 Datasheet HTML 4Page - ams AG AS1123 Datasheet HTML 5Page - ams AG AS1123 Datasheet HTML 6Page - ams AG AS1123 Datasheet HTML 7Page - ams AG AS1123 Datasheet HTML 8Page - ams AG AS1123 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
3 - 24
AS1123
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD to GND
0
7
V
Input Voltage
-0.4
VDD+0.4
V
Output Voltage
-0.4
7
V
GND Pin Current
2000
mA
24-pin QSOP package
2800
mA
24-pin TQFN (4x4mm) package
Input Current (latch-up immunity)
-100
+100
mA
Norm: JEDEC 78
Electrostatic Discharge
Electrostatic Discharge HBM
+/- 1
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Thermal Resistance
ΘJA
88
ºC/W
on PCB, 24-pin QSOP package
23
ºC/W
on PCB, 24-pin TQFN (4x4mm) package
Junction Temperature
150
°C
Storage Temperature
-55
150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body temperature)
specified is in accordance with IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-
Hermetic Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity
5
85
%
Non-condensing
Moisture Sensitive Level
3
Represents a max. floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com