Electronic Components Datasheet Search
  English  ▼

X  

AS1123 Datasheet(PDF) 16 Page - ams AG

Part # AS1123
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123 Datasheet(HTML) 16 Page - ams AG

Back Button AS1123 Datasheet HTML 12Page - ams AG AS1123 Datasheet HTML 13Page - ams AG AS1123 Datasheet HTML 14Page - ams AG AS1123 Datasheet HTML 15Page - ams AG AS1123 Datasheet HTML 16Page - ams AG AS1123 Datasheet HTML 17Page - ams AG AS1123 Datasheet HTML 18Page - ams AG AS1123 Datasheet HTML 19Page - ams AG AS1123 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
15 - 24
AS1123
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 17. Switching into Low-Current Diagnostic Mode Timing Diagram
VTHH Level
Two different threshold levels of the error detection can be set via a bit. The bit can be entered via 4 clock pulses during error-detection mode. To
set level 2 (VTHH is 80% of Vdd) a 0 must be placed at SDI after the rising edge of the 3rd clock pulse.
To set level 1 (VTHH is 54% of Vdd) a 1 must be placed at SDI after the 3rd clock pulse. The level 1/level 2 information will be latched through if
multiple AS1123 devices are in a chain. At the rising edge of the 4th clock pulse the bit will be read out and the AS1123 is set to Level1 or Level2.
Figure 18. VTHH Level Timing Diagram
For detailed timing information see Timing Diagrams on page 8.
OFLAG
TFLAG
SFLAG
Don’t
Care
Re-entering Error Detection
Mode
(see Figure 15 on page 13)
(see Figure 16 on page 14)
tTESTING
SDI
OEN
LD
CLK
SDO
Load Internal all 1s
Test Pattern
(optional)
tSW(ERROR)
tP1
tSU(ERROR)
Normal Operation Current
tGSW(ERROR)
tGSW(ERROR)
Low-Current
Diagnosis Mode
tH(L)
SDI
OEN
LD
CLK
SDO
1 = Level1
0 = Levle2
1 = Level1
0 = Level2
OFLAG
TFLAG
SFLAG
tP4
tSU(ERROR)
tSU(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com