Electronic Components Datasheet Search
  English  ▼

X  

EP2C50 Datasheet(PDF) 29 Page - Altera Corporation

Part # EP2C50
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C50 Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP2C50 Datasheet HTML 25Page - Altera Corporation EP2C50 Datasheet HTML 26Page - Altera Corporation EP2C50 Datasheet HTML 27Page - Altera Corporation EP2C50 Datasheet HTML 28Page - Altera Corporation EP2C50 Datasheet HTML 29Page - Altera Corporation EP2C50 Datasheet HTML 30Page - Altera Corporation EP2C50 Datasheet HTML 31Page - Altera Corporation EP2C50 Datasheet HTML 32Page - Altera Corporation EP2C50 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 168 page
background image
Altera Corporation
2–17
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Each global clock network has a clock control block to select from a
number of input clock sources (PLL clock outputs, CLK[] pins, DPCLK[]
pins, and internal logic) to drive onto the global clock network. Table 2–2
lists how many PLLs, CLK[] pins, DPCLK[] pins, and global clock
networks are available in each Cyclone II device. CLK[] pins are
dedicated clock pins and DPCLK[] pins are dual-purpose clock pins.
Figures 2–11 and 2–12 show the location of the Cyclone II PLLs, CLK[]
inputs, DPCLK[] pins, and clock control blocks.
Table 2–2. Cyclone II Device Clock Resources
Device
Number of
PLLs
Number of
CLK Pins
Number of
DPCLK Pins
Number of
Global Clock
Networks
EP2C5
2
8
8
8
EP2C8
2
8
8
8
EP2C15
4
16
20
16
EP2C20
4
16
20
16
EP2C35
4
16
20
16
EP2C50
4
16
20
16
EP2C70
4
16
20
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com