Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 7 Page - Altera Corporation

Part # EPC4
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 3Page - Altera Corporation EPC4 Datasheet HTML 4Page - Altera Corporation EPC4 Datasheet HTML 5Page - Altera Corporation EPC4 Datasheet HTML 6Page - Altera Corporation EPC4 Datasheet HTML 7Page - Altera Corporation EPC4 Datasheet HTML 8Page - Altera Corporation EPC4 Datasheet HTML 9Page - Altera Corporation EPC4 Datasheet HTML 10Page - Altera Corporation EPC4 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Functional Description
Page 7
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Figure 1 shows a block diagram of the EPC device.
The EPC device features multiple configuration schemes. In addition to supporting
the traditional passive serial (PS) configuration scheme for a single device or a
serial-device chain, the EPC device features concurrent configuration and parallel
configuration. With the concurrent configuration scheme, up to eight PS device chains
can be configured simultaneously. In the FPP configuration scheme, 8-bits of data are
clocked into the FPGA during each cycle. These configuration schemes offer
significantly reduced configuration times over traditional schemes.
Furthermore, the EPC device features a dynamic configuration or page mode feature.
This feature allows you to dynamically reconfigure all the FPGAs in your system with
new images stored in the configuration memory. Up to eight different system
configurations or pages can be stored in the memory and selected using the
PGM[2..0]
pins. Your system can be dynamically reconfigured by selecting one of the
eight pages and initiating a reconfiguration cycle.
This page mode feature combined with the external flash interface allows remote and
local updates of system configuration data. The EPC devices are compatible with the
remote system configuration feature of the Stratix device.
f For more information, refer to the Remote System Configuration with Stratix &
Stratix GX Devices chapter in the Stratix Device Handbook.
Other user programmable features include:
■
Real-time decompression of configuration data
■
Programmable configuration clock (DCLK)
■
Flash ISP
■
Programmable POR delay (PORSEL)
Figure 1. EPC Device Block Diagram
Flash
FPGA
Controller
JTAG/ISP Interface
EPC Device
Shared Flash Interface
Shared Flash
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com